Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L Datasheet(PDF) 2 Page - Littelfuse

Part # 2016L
Description  POLY-FUSE Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L Datasheet(HTML) 2 Page - Littelfuse

  2016L Datasheet HTML 1Page - Littelfuse 2016L Datasheet HTML 2Page - Littelfuse 2016L Datasheet HTML 3Page - Littelfuse 2016L Datasheet HTML 4Page - Littelfuse 2016L Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POLY-FUSE® Resettable PTCs
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/22/16
Surface Mount > 2016L Series
Ambient OperationTemperature
-40°C
-20°C
0°C
20°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
2016L030
0.45
0.40
0.35
0.30
0.25
0.23
0.20
0.18
0.14
2016L050
0.93
0.80
0.65
0.50
0.42
0.38
0.33
0.30
0.23
2016L075/60
1.21
1.06
0.91
0.75
0.61
0.54
0.45
0.38
0.26
2016L100
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L100/33
1.66
1.47
1.29
1.10
0.91
0.83
0.73
0.64
0.50
2016L150
2.26
2.00
1.76
1.50
1.24
1.13
1.00
0.87
0.68
2016L150/33
2.25
2.05
1.79
1.50
1.31
1.17
1.05
0.93
0.72
2016L200
2.80
2.50
2.19
2.00
1.84
1.74
1.50
1.34
1.14
2016L260/24
3.80
3.43
3.04
2.60
2.24
2.03
1.82
1.64
1.25
2016L300/16
4.32
3.93
3.57
3.00
2.58
2.40
2.22
1.89
1.68
2016L500
7.20
6.55
5.95
5.00
4.30
4.00
3.70
3.15
2.80
Temperature Rerating
Temperature Rerating Curve
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
Note:
Typical Temperature rerating curve, refer to table for derating data
-40 -30 -20 -100
10
20 30
40
50
60
70
80 85
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
0.01
0.1
1
10
100
0.1
110
Current in Amperes
Additional Information
Datasheet
Samples
Resources
Samples



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com