Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016L Datasheet(PDF) 3 Page - Littelfuse

Part # 2016L
Description  POLY-FUSE Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L Datasheet(HTML) 3 Page - Littelfuse

  2016L Datasheet HTML 1Page - Littelfuse 2016L Datasheet HTML 2Page - Littelfuse 2016L Datasheet HTML 3Page - Littelfuse 2016L Datasheet HTML 4Page - Littelfuse 2016L Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POLY-FUSE® Resettable PTCs
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/22/16
Surface Mount > 2016L Series
Environmental Specifications
Soldering Parameters
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped
State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance change
Humidity Aging
+85°C, 85%,R.H.,1000 hours
-/+5% typical resistance change
Thermal Shock
MIL–STD–202, Method 107
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL–STD–202, Method 215
No change
Vibration
MIL–STD–883, Method 2007,
Condition A
No change
Moisture Sensitivity Level
Level 1, J–STD–020
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin(Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
tL to tP
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (T
S(max) to TP)
3°C/second max
Pre Heat:
Temperature Min (T
s(min))
150°C
Temperature Max (T
s(max))
200°C
Time (Min to Max) (t
s)
60 – 180 secs
Time Maintained
Above:
Temperature (T
L)
217°C
Temperature (t
L)
60 – 150 seconds
Peak / Classification Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
-- All temperature refer to topside of the package, measured on the package body surface
-- If reflow temperature exceeds the recommended profile, devices may not meet the
performance requirements
-- Recommended reflow methods: IR, vapor phase oven, hot air oven, N
2 environment
for lead
-- Recommended maximum paste thickness is 0.25mm (0.010inch)
-- Devices can be cleaned using standard industry methods and solvents
-- Devices can be reworked using the standard industry practices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com