Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST06 Datasheet(PDF) 4 Page - Power System Technology

Part # PST06
Description  Industrial / Transportation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST06 Datasheet(HTML) 4 Page - Power System Technology

  PST06 Datasheet HTML 1Page - Power System Technology PST06 Datasheet HTML 2Page - Power System Technology PST06 Datasheet HTML 3Page - Power System Technology PST06 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PST06 230 Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
Just fill in.
Pmax : 400W
COMPANY NAME :
ADDRESS :
NAME :
JOB TITLE :
QUANTITY :
DELIVERY DATE :
INFORMATION :
SEND TO :
POWER SYSTEM TECHNOLOGY
19, 21 rue Gustave Eiffel - Bâtiment A2
28630 GELLAINVILLE - FRANCE
Tel. : +33 (0) 2 37 30 78 40 - Fax : +33 (0) 2 37 30 77 71
Email : sales@powersystemtechnology.com
V 1
Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V 2
Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V 3*
Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V 4
Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V 5
Vout Pout
N
3V3
5
12
15
24
28
48
N
25
50
75
100
V 6*
* Negative Output
PST06
HOW TO ORDER ?
4/4
Rev. 00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com