Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST06 Datasheet(PDF) 1 Page - Power System Technology

Part # PST06
Description  Industrial / Transportation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST06 Datasheet(HTML) 1 Page - Power System Technology

  PST06 Datasheet HTML 1Page - Power System Technology PST06 Datasheet HTML 2Page - Power System Technology PST06 Datasheet HTML 3Page - Power System Technology PST06 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
6U x 12TE x 220 mm
INPUT : 230Vac 50Hz
OUTPUT : up to 400W max.
Up to 6 outputs fully isolated
Efficiency : 76% typ.
APPLICATIONS
Industrial / Transportation.
INPUT
Voltage range :
180-265Vac 47-63Hz
Nominal :
230Vac
Input protection :
fuse
transient and surges protected
OUTPUT
Voltage :
V1, V2 :
3V3, 5V, 12V, 15V, 24V, 28V, 48V
V3 :
-3V3, -5V, -12V, -15V, -24V, -28V, -48V
V4, V5 :
3V3, 5V, 12V, 15V, 24V, 28V, 48V
V6 :
-3V3, -5V, -12V, -15V, -24V, -28V, -48V
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,02 %
0,5 %
115 %
of I out max.
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
0,5 %
1 %
140 %
of I out max.
Short circuit current
115 %
of I out max.
Vout < 250mV ; Automatic restart
140 %
of I out max.
OUTPUT
Conditions
Max.
PST06
1/4
Rev. 00


Similar Part No. - PST06

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
This range of power supplies is specially designed
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
More results

Similar Description - PST06

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTH ITT-KPTH Datasheet
83Kb / 1P
Hermetic Industrial Military Transportation
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Maxwell Technologies
BMOD0063 MAXWELL-BMOD0063_13 Datasheet
981Kb / 6P
125V HEAVY TRANSPORTATION MODULE
logo
ITT Industries
1504728 ITT-1504728 Datasheet
571Kb / 2P
APD Transportation Connectors
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
Automotive and Transportation Systems
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
Transportation centers
B4303S LSTD-B4303S Datasheet
521Kb / 2P
Transportation
logo
Japan Aviation Electron...
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
Transportation
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM_18 Datasheet
1Mb / 22P
Transportation, Plane, Ship
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com