Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST09 Datasheet(PDF) 2 Page - Power System Technology

Part # PST09
Description  Industrial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST09 Datasheet(HTML) 2 Page - Power System Technology

  PST09 Datasheet HTML 1Page - Power System Technology PST09 Datasheet HTML 2Page - Power System Technology PST09 Datasheet HTML 3Page - Power System Technology PST09 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN55022, conducted.
ENVIRONMENTAL
Storage temperature :
-25°C to +100°C
Operating temperature :
-10°C to 70°C ambiant, forced air, nominal power
derating 2,5% / °C above 50°C
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
>100 Mohms at 500 Vdc
GENERAL
SIGNALS
Default :
Led, when
heatsink temperature > 90°C
output overvoltage
Output OK : Led on every output
PST09
2/4
Rev. 01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com