Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST09 Datasheet(PDF) 1 Page - Power System Technology

Part # PST09
Description  Industrial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST09 Datasheet(HTML) 1 Page - Power System Technology

  PST09 Datasheet HTML 1Page - Power System Technology PST09 Datasheet HTML 2Page - Power System Technology PST09 Datasheet HTML 3Page - Power System Technology PST09 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
3U x 8TE x 160 mm
INPUT : 180 - 264 Vac (90-264 Vac consult factory)
OUTPUT : up to 160W
1-3 outputs
Efficiency : 73 % typ.
INPUT
Voltage range :
180 - 264Vac
Nominal :
230 Vac
Input protection :
fuse
transient and surges protected
OUTPUT
Voltage :
V1 : 3V3, 5V, 12V, 15V, 24V, 28V, 48Vdc from 25 to 75W
V2 : 12V, 15V, 24V, 28V, 48Vdc
from 25 to 75W
V3 : -5V/2A, -12V/1,5A, -15V/1,5A, -24V/0,8A (*)
(*) Need output 2 to have output 3
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,02 %
1 %
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
0,5 %
2 %
115 % of I nom.
OUTPUT
Conditions
Max.
APPLICATIONS
Industrial
Short circuit
current protection
115 % of I nom.
Automatic restart
140 % of I nom.
PST09
1/4
Rev. 01


Similar Part No. - PST09

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST00 PST-PST00 Datasheet
285Kb / 5P
This range of power supplies is specially designed
PST01 PST-PST01 Datasheet
227Kb / 3P
Automobile bench of test. Programmable laboratory PSU
PST02 PST-PST02 Datasheet
259Kb / 4P
This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
This range of power supplies is specially designed
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
More results

Similar Description - PST09

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
INDUSTRIAL
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
Industrial Relays
logo
Vincotech
V23990-P544-X3X-D4-14 VINCOTECH-V23990-P544-X3X-D4-14 Datasheet
845Kb / 23P
Industrial drives
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
Industrial RTU
logo
Power System Technology
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
Industrial
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
Industrial applications
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
INDUSTRIAL
logo
OSRAM GmbH
GWCSSRM3.PM OSRAM-GWCSSRM3.PM Datasheet
1Mb / 27P
Highbay Industrial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com