Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358C Datasheet(PDF) 3 Page - NEC

Part # UPC358C
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC358C Datasheet(HTML) 3 Page - NEC

  UPC358C Datasheet HTML 1Page - NEC UPC358C Datasheet HTML 2Page - NEC UPC358C Datasheet HTML 3Page - NEC UPC358C Datasheet HTML 4Page - NEC UPC358C Datasheet HTML 5Page - NEC UPC358C Datasheet HTML 6Page - NEC UPC358C Datasheet HTML 7Page - NEC UPC358C Datasheet HTML 8Page - NEC UPC358C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
µPC358
3
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
POWER DISSIPATION
TA - Operating Ambient Temperature - °C
SUPPLY CURRENT
4
3
2
1
V
+ - Supply Voltage - V (V– = GND)
INPUT OFFSET VOLTAGE
0
3
2
1
0
V
+ - Supply Voltage - V (V– = GND)
INPUT OFFSET VOLTAGE
–50
5
4
3
2
1
0
–1
–2
–3
–4
TA - Operating Ambient Temperature - ˚C
INPUT BIAS CURRENT
V
+ - Supply Voltage - V (V– = GND)
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - ˚C
0
10203040
ICC
V+
+
–
TA = 0 to 70 °C
TA = –20 °C
A
TA = 25 ˚C
10
20
30
40
0
50
100
V
+ = 5 V
600
0
500
400
300
200
100
20
40
60
80
100
PC358G2
PC358C, 358HA
µ
µ
100
040
75
50
25
30
20
10
TA = 25 °C
100
–50
100
80
40
20
50
0
60
0
V+ = +15 V
V– = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com