Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358C Datasheet(PDF) 2 Page - NEC

Part # UPC358C
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC358C Datasheet(HTML) 2 Page - NEC

  UPC358C Datasheet HTML 1Page - NEC UPC358C Datasheet HTML 2Page - NEC UPC358C Datasheet HTML 3Page - NEC UPC358C Datasheet HTML 4Page - NEC UPC358C Datasheet HTML 5Page - NEC UPC358C Datasheet HTML 6Page - NEC UPC358C Datasheet HTML 7Page - NEC UPC358C Datasheet HTML 8Page - NEC UPC358C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPC358
2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V–
Note 1
V+ – V–
–0.3 to +32
V
Differential Input Voltage
VID
±32
V
Input Voltage
Note 2
VI
V––0.3 to V–+32
V
Output Voltage
Note 3
VO
V––0.3 to V++0.3
V
Power Dissipation
C Package
Note 4
PT
350
mW
G2 Package
Note 5
440
mW
HA Package
Note 4
350
mW
Output Short Circuit Duration
Note 6
Indefinite
s
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to +125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction independent of the magnitude
of V+. Either input signal should not be allowed to go negative by more than 0.3 V. The normal operation
will establish when the both inputs are within the Common Mode Input Voltage Range of electrical
characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external
without damage or destructive. Even during the transition period of supply voltage, power on/off etc., this
specification should be kept. The output voltage of normal operation will be the Output Voltage Swing of
electrical characteristics.
4. Thermal derating factor is –5.0 mW/
°C when operating ambient temperature is higher than 55 °C.
5. Thermal derating factor is –4.4 mW/
°C when operating ambient temperature is higher than 25 °C.
6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4 and
Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V±
±1.5
±15
V
Supply Voltage (V– = GND)
V+
+3
+30
V
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = +5 V, V– = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS = 0
Ω±2
±7mV
Input Offset Current
IIO
±5
±50
nA
Input Bias Current
Note 7
IB
45
250
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
25
100
V/mA
Supply Current
ICC
RL =
∞, IO = 0 A, Both Amplifiers
0.7
1.2
mA
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
RL = 2 k
Ω (Connect to GND)
0
V+ –1.5
V
Common Mode Input Voltage Range
VICM
0V+ –1.5
V
Output Current (SOURCE)
IO SOURCE
VIN+ = +1 V, VIN– = 0 V
20
40
mA
Output Current (SINK)
IO SINK
VIN– = +1 V, VIN+ = 0 V
10
20
mA
VIN– = +1 V, VIN+ = 0 V,
12
50
µA
VO = 200 mV
Channel Separation
f = 1 kHz to 20 kHz
120
dB
Note 7.
Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input
stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com