Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST13 Datasheet(PDF) 2 Page - Power System Technology

Part # PST13
Description  Modular power supply for industrial & railways
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST13 Datasheet(HTML) 2 Page - Power System Technology

  PST13 Datasheet HTML 1Page - Power System Technology PST13 Datasheet HTML 2Page - Power System Technology PST13 Datasheet HTML 3Page - Power System Technology PST13 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN55022A, conducted.
ENV. :
built to meet EN 50155
ENVIRONMENTAL
Storage temperature :
-20°C to +100°C
Operating temperature :
-20°C to +70°C
Convection cooled : -20°C to 80°C heatsink 300W max., vertical position at 30°C ambiant
Air forced :
minimum 1m/s for full power, 50°C ambiant max.
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4240 Vdc
Output to Chassis :
> 100 Mohms at 500Vdc
GENERAL
SIGNALS
Input OK :
Led in front panel
Output OK :
Led in back panel
PST13
2/4
OUTPUT
Trim range 50 % to 110 % (Factory adjustable)
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,5 %
0,5 %
105 to 135 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1 %
1 %
Short circuit current
115 %
of Iout nominal
140 %
of Iout nominal
OUTPUT
Conditions
Max.
Rev. 01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com