Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST13 Datasheet(PDF) 1 Page - Power System Technology

Part # PST13
Description  Modular power supply for industrial & railways
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST13 Datasheet(HTML) 1 Page - Power System Technology

  PST13 Datasheet HTML 1Page - Power System Technology PST13 Datasheet HTML 2Page - Power System Technology PST13 Datasheet HTML 3Page - Power System Technology PST13 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
210 x 150 x 52 mm
INPUT : 24, 48, 72, 110Vdc
OUTPUT : Single output from 3V3 to 48V
POWER : Up to 400W
Efficiency : 84 % typ.
DIN Rail mounting option (-D)
Redundant N+1 option (-R)
INPUT
Voltage range :
24Vnom
Range : 18-36Vdc
Max output power 150W
48Vnom
Range : 36-75Vdc
Max output power 300W
72Vnom
Range : 55-100Vdc Max output power 400W
110Vnom
Range : 66-160Vdc Max output power 400W
Input protection :
fuse
transient and surges protected
reverse polarity
OUTPUT
APPLICATIONS
Modular power supply for industrial & railways
PST13
1/4
3V3
5V
12V
15V
24V
28V
48V
24
150W
150W
150W
150W
150W
150W
150W
48
150W
200W
400W
400W
400W
400W
400W
72
150W
200W
400W
400W
400W
400W
400W
110
150W
200W
400W
400W
400W
400W
400W
Vout
Vin
Rev. 01


Similar Part No. - PST13

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
PST15 PST-PST15 Datasheet
285Kb / 5P
This range of power supplies is specially designed
More results

Similar Description - PST13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Vitec Power
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
15W Desktop Power Supply For Industrial Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
30W Desktop Power Supply for Industrial Equipment
SIDA40-SERIES Vitec-SIDA40-SERIES Datasheet
429Kb / 2P
40W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
logo
Power System Technology
FAB0307020 PST-FAB0307020 Datasheet
220Kb / 3P
Industrial power supply
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
Railways and industrial applications
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com