Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2587 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587
Description  SIMPLE SWITCHER 5A Flyback Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2587 Datasheet HTML 5Page - National Semiconductor (TI) LM2587 Datasheet HTML 6Page - National Semiconductor (TI) LM2587 Datasheet HTML 7Page - National Semiconductor (TI) LM2587 Datasheet HTML 8Page - National Semiconductor (TI) LM2587 Datasheet HTML 9Page - National Semiconductor (TI) LM2587 Datasheet HTML 10Page - National Semiconductor (TI) LM2587 Datasheet HTML 11Page - National Semiconductor (TI) LM2587 Datasheet HTML 12Page - National Semiconductor (TI) LM2587 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Test Circuits
DS012316-8
CIN1 — 100 µF, 25V Aluminum Electrolytic
CIN2 — 0.1 µF Ceramic
T — 22 µH, 1:1 Schott #67141450
D — 1N5820
COUT — 680 µF, 16V Aluminum Electrolytic
CC — 0.47 µF Ceramic
RC —2k
FIGURE 2. LM2587-3.3 and LM2587-5.0
DS012316-9
CIN1 — 100 µF, 25V Aluminum Electrolytic
CIN2 — 0.1 µF Ceramic
L — 15 µH, Renco #RL-5472-5
D — 1N5820
COUT — 680 µF, 16V Aluminum Electrolytic
CC — 0.47 µF Ceramic
RC —2k
For 12V Devices: R1 = Short (0Ω) and R2 = Open
For ADJ Devices: R1 = 48.75k, ±0.1% and R2 = 5.62k, ±1%
FIGURE 3. LM2587-12 and LM2587-ADJ
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com