Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2587 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2587
Description  SIMPLE SWITCHER 5A Flyback Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2587 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2587 Datasheet HTML 17Page - National Semiconductor (TI) LM2587 Datasheet HTML 18Page - National Semiconductor (TI) LM2587 Datasheet HTML 19Page - National Semiconductor (TI) LM2587 Datasheet HTML 20Page - National Semiconductor (TI) LM2587 Datasheet HTML 21Page - National Semiconductor (TI) LM2587 Datasheet HTML 22Page - National Semiconductor (TI) LM2587 Datasheet HTML 23Page - National Semiconductor (TI) LM2587 Datasheet HTML 24Page - National Semiconductor (TI) LM2587 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Application Hints
PROGRAMMING OUTPUT VOLTAGE
(SELECTING R
1 AND R2)
Referring to the adjustable regulator in
Figure 41, the output
voltage is programmed by the resistors R
1 and R2 by the fol-
lowing formula:
V
OUT = VREF (1+R1/R2)
where V
REF = 1.23V
Resistors R
1 and R2 divide the output voltage down so that
it can be compared with the 1.23V internal reference. With
R
2 between 1k and 5k, R1 is:
R
1 = R2 (VOUT/VREF − 1)
where V
REF = 1.23V
For best temperature coefficient and stability with time, use
1% metal film resistors.
SHORT CIRCUIT CONDITION
Due to the inherent nature of boost regulators, when the out-
put is shorted (see
Figure 41), current flows directly from the
input, through the inductor and the diode, to the output, by-
passing the switch. The current limit of the switch
does not
limit the output current for the entire circuit. To protect the
load and prevent damage to the switch, the current must be
externally limited, either by the input supply or at the output
with an external current limit circuit. The external limit should
be set to the maximum switch current of the device, which is
5A.
In a flyback regulator application (
Figure 42), using the stan-
dard transformers, the LM2587 will survive a short circuit to
the main output. When the output voltage drops to 80% of its
nominal value, the frequency will drop to 25 kHz. With a
lower frequency, off times are larger. With the longer off
times, the transformer can release all of its stored energy be-
fore the switch turns back on. Hence, the switch turns on ini-
tially with zero current at its collector. In this condition, the
switch current limit will limit the peak current, saving the de-
vice.
FLYBACK REGULATOR INPUT CAPACITORS
A flyback regulator draws discontinuous pulses of current
from the input supply. Therefore, there are two input capaci-
tors needed in a flyback regulator; one for energy storage
and one for filtering (see
Figure 42). Both are required due to
the inherent operation of a flyback regulator. To keep a
stable or constant voltage supply to the LM2587, a storage
capacitor (
≥100 µF) is required. If the input source is a reciti-
fied DC supply and/or the application has a wide tempera-
ture range, the required rms current rating of the capacitor
might be very large. This means a larger value of capaci-
tance or a higher voltage rating will be needed of the input
capacitor. The storage capacitor will also attenuate noise
which may interfere with other circuits connected to the
same input supply voltage.
DS012316-26
FIGURE 41. Boost Regulator
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com