Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524D Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524D Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3524D Datasheet HTML 11Page - National Semiconductor (TI) LM3524D Datasheet HTML 12Page - National Semiconductor (TI) LM3524D Datasheet HTML 13Page - National Semiconductor (TI) LM3524D Datasheet HTML 14Page - National Semiconductor (TI) LM3524D Datasheet HTML 15Page - National Semiconductor (TI) LM3524D Datasheet HTML 16Page - National Semiconductor (TI) LM3524D Datasheet HTML 17Page - National Semiconductor (TI) LM3524D Datasheet HTML 18Page - National Semiconductor (TI) LM3524D Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Typical Applications (Continued)
00865020
*Mounted to Staver Heatsink No. V5-1.
Q1 = BD344
Q2 = 2N5023
L1 = >40 turns No. 22 wire on Ferroxcube No. K300502 Torroid core.
FIGURE 15. 5V, 1 Amp Step-Down Switching Regulator
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com