Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524D Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524D Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3524D Datasheet HTML 14Page - National Semiconductor (TI) LM3524D Datasheet HTML 15Page - National Semiconductor (TI) LM3524D Datasheet HTML 16Page - National Semiconductor (TI) LM3524D Datasheet HTML 17Page - National Semiconductor (TI) LM3524D Datasheet HTML 18Page - National Semiconductor (TI) LM3524D Datasheet HTML 19Page - National Semiconductor (TI) LM3524D Datasheet HTML 20Page - National Semiconductor (TI) LM3524D Datasheet HTML 21Page - National Semiconductor (TI) LM3524D Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Typical Applications (Continued)
00865025
L1 = > 25 turns No. 24 wire on Ferroxcube No. K300502 Toroid core.
FIGURE 20. 15V, 0.5A Step-Up Switching Regulator
00865026
FIGURE 21. Replacing R3/R4 Divider in Figure 20 with Reference Circuit Improves Line Regulation
00865027
FIGURE 22. Polarity Inverter Provides Auxiliary −15V Unregulated Output from Circuit of Figure 20
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com