Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP720F Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 14Page - Infineon Technologies AG BFP720F Datasheet HTML 15Page - Infineon Technologies AG BFP720F Datasheet HTML 16Page - Infineon Technologies AG BFP720F Datasheet HTML 17Page - Infineon Technologies AG BFP720F Datasheet HTML 18Page - Infineon Technologies AG BFP720F Datasheet HTML 19Page - Infineon Technologies AG BFP720F Datasheet HTML 20Page - Infineon Technologies AG BFP720F Datasheet HTML 21Page - Infineon Technologies AG BFP720F Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
BFP720F
Electrical Characteristics
Data Sheet
18
Revision 1.1, 2012-10-25
5.4
Characteristic Curves
Figure 5-2 Transition Frequency
f
T = f (IC, VCE), f = 1 GHz, VCE Parameter in V
Figure 5-3 Power Gain
G
ma, Gms, IS21I² = f (f), VCE = 3 V, IC = 13 mA
10
0
10
1
10
2
0
5
10
15
20
25
30
35
40
45
50
I
C
[mA]
3.00V
2.00V
1.50V
0.50V
1.00V
0
1
2
3
4
5
6
7
8
9
10
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
f [GHz]
G
ms
G
ma
|S
21
|
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com