Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP720F Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 17Page - Infineon Technologies AG BFP720F Datasheet HTML 18Page - Infineon Technologies AG BFP720F Datasheet HTML 19Page - Infineon Technologies AG BFP720F Datasheet HTML 20Page - Infineon Technologies AG BFP720F Datasheet HTML 21Page - Infineon Technologies AG BFP720F Datasheet HTML 22Page - Infineon Technologies AG BFP720F Datasheet HTML 23Page - Infineon Technologies AG BFP720F Datasheet HTML 24Page - Infineon Technologies AG BFP720F Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
BFP720F
Simulation Data
Data Sheet
23
Revision 1.1, 2012-10-25
6
Simulation Data
For the SPICE Gummel Poon (GP) model as well as for the S-parameters (including noise parameters) please
refer to our internet website: www.infineon.com/rf.models. Please consult our website and download the latest
versions before actually starting your design.
You find the BFP720F SPICE GP model in the internet in MWO- and ADS-format, which you can import into these
circuit simulation tools very quickly and conveniently. The model already contains the package parasitic and is
ready to use for DC- and high frequency simulations. The terminals of the model circuit correspond to the pin
configuration of the device.
The model parameters have been extracted and verified up to 15 GHz using typical devices. The BFP720F SPICE
GP model reflects the typical DC- and RF-performance within the limitations which are given by the SPICE GP
model itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com