Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM20705 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 35Page - Cypress Semiconductor BCM20705 Datasheet HTML 36Page - Cypress Semiconductor BCM20705 Datasheet HTML 37Page - Cypress Semiconductor BCM20705 Datasheet HTML 38Page - Cypress Semiconductor BCM20705 Datasheet HTML 39Page - Cypress Semiconductor BCM20705 Datasheet HTML 40Page - Cypress Semiconductor BCM20705 Datasheet HTML 41Page - Cypress Semiconductor BCM20705 Datasheet HTML 42Page - Cypress Semiconductor BCM20705 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Frequency Selection
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 38
TCXO Clock Request Support
If the application utilizes an external TCXO as a clock reference, the BCM20705 provides a clock request output
to allow the system to power off the TCXO when not in use.
Frequency Selection
Any frequency within the range specified for the crystal and TCXO reference can be used. These frequencies
include standard handset reference frequencies (12, 13, 14.4, 15.36, 16.2, 16.8, 18, 19.2, 19.44, 19.68, 19.8,
20, 24, 26, 33.6, 37.4, and 38.4 MHz) and any frequency between these reference frequencies, as desired by
the system designer. Since bit timing is derived from the reference frequency, the BCM20705 must have the
reference frequency set correctly in order for any of the USB, UART, and PCM interfaces to function properly.
The BCM20705 reference frequency can be set in one of the following ways.
• Use the default 20 MHz frequency by leaving the CFG_SEL pin unconnected or by strapping it high. The
CFG_SEL pin is internally pulled up in the BCM20705.
• Use the 26 MHz option by setting CFG_SEL low.
• Designate the reference frequency in external NVRAM
• Auto-detect the standard handset reference frequencies using an external LPO clock
For PC and embedded applications where there typically won’t be an LPO clock, if autobaud is enabled, the
BCM20705 will use XTAL to sync up with the UART, thus allowing a user to download a firmware configuration
without having to make a crystal frequency assumption. Alternatively, the BCM20705 will upload the firmware
configuration from an attached NVRAM (if one is attached) and use it to make a crystal frequency assumption.
Finally, if neither of the above is true, then the BCM20705 will look at the status of the CFG_SEL pin and decide
whether to choose 20 or 26 MHz. Autobaud is only valid for UART applications.
The 20 MHz choice is only a default in the sense that if the pin is left floating, it will be pulled up internally to
support the 20 MHz option.
If the application requires a frequency other than the default, the value can be stored in an external NVRAM.
Programming the reference frequency in NVRAM provides the maximum flexibility in the selection of the
reference frequency, since any frequency within the specified range for crystal and external frequency reference
can be used. During power-on reset (POR), the device downloads the parameter settings stored in NVRAM,
which can be programmed to include the reference frequency and frequency trim values. Typically, this is how
a PC Bluetooth application is configured.
For applications such as handsets and portable smart communication devices, where the reference frequency is
one of the standard frequencies commonly used, the BCM20705 automatically detects the reference frequency and
programs itself to the correct reference frequency. In order for auto-frequency detection to work properly, the
BCM20705 must have a valid and stable 32.768 kHz external LPO clock present during POR. This eliminates the
need for NVRAM in applications where the external LPO clock is available and an external NVRAM is typically not
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com