Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM20705 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 45Page - Cypress Semiconductor BCM20705 Datasheet HTML 46Page - Cypress Semiconductor BCM20705 Datasheet HTML 47Page - Cypress Semiconductor BCM20705 Datasheet HTML 48Page - Cypress Semiconductor BCM20705 Datasheet HTML 49Page - Cypress Semiconductor BCM20705 Datasheet HTML 50Page - Cypress Semiconductor BCM20705 Datasheet HTML 51Page - Cypress Semiconductor BCM20705 Datasheet HTML 52Page - Cypress Semiconductor BCM20705 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Electrical Characteristics
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 48
Table 15: Current Consumption—Class 1(10 dBm)
Operational Mode
Conditions
Typica
l
Unit
s
Receive (1 Mbps)
Current level during receive of a basic rate packet
31
mA
Transmit (1 Mbps)
Current level during transmit of a basic rate packet, GFSK output
power = 10 dBm
65
mA
Receive (EDR)
Current level during receive of a 2 or 3 Mbps rate packet
32
mA
Transmit (EDR)
Current level during transmit of a 2 or 3 Mbps rate packet, GFSK
output power = 10 dBm
59
mA
DM1/DH1
Average current during basic rate max throughput connection
which includes only this packet type.
45
mA
DM3/DH3
Average current during basic rate max throughput connection
which includes only this packet type.
46
mA
DM5/DH5
Average current during max basic rate throughput connection
which includes only this packet type.
48
mA
HV1
Average current during SCO voice connection consisting of only
this packet type. ACL channel is in 500 ms sniff.
38
mA
HV2
Average current during SCO voice connection consisting of only
this packet type. ACL channel is in 500 ms sniff.
23
mA
HV3
Average current during SCO voice connection consisting of only
this packet type. ACL channel is in 500 ms sniff.
17
mA
HCI only active
Average current when waiting for HCI command UART, USB, or SPI
transports.
4.8
mA
Sleep
UART transport active, external LPO clock available.
55
μA
Sleep, HV Reg Bypass
UART transport active, external LPO clock available, HV LDO
disabled and in bypass mode.
45
μA
Inquiry Scan (1.28 sec)
Periodic scan rate is 1.28 sec.
350
μA
Page Scan (R1)
Periodic scan rate is R1 (1.28 sec).
350
μA
Inquiry Scan + Page
Scan (R1)
Both inquiry and page scans are interlaced together at 1.28 sec
periodic scan rate.
630
μA
Sniff master (500 ms)
Attempt and timeout parameters set to 4. Quality connection
which rarely requires more than minimum packet exchange.
175
μA
Sniff slave (500 ms)
Attempt and timeout parameters set to 4. Quality connection
which rarely requires more than minimum packet exchange. Sniff
master follows optimal sniff protocol of BCM20705 master.
160
μA
Sniff (500 ms) + Inquiry/
Page Scan (R1)
Same conditions as Sniff master and Page Scan (R1). Scan maybe
either Inquiry Scan or Page Scan at 1.28 sec periodic scan rate.
455
μA
Sniff (500ms) + Inquiry
Scan + Page Scan (R1)
Same conditions as Sniff master and Inquiry Scan + Page Scan.
760
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com