Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # LR024N
Description  AUTOMOTIVE GRADE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LR024N Datasheet(HTML) 2 Page - Infineon Technologies AG

  LR024N Datasheet HTML 1Page - Infineon Technologies AG LR024N Datasheet HTML 2Page - Infineon Technologies AG LR024N Datasheet HTML 3Page - Infineon Technologies AG LR024N Datasheet HTML 4Page - Infineon Technologies AG LR024N Datasheet HTML 5Page - Infineon Technologies AG LR024N Datasheet HTML 6Page - Infineon Technologies AG LR024N Datasheet HTML 7Page - Infineon Technologies AG LR024N Datasheet HTML 8Page - Infineon Technologies AG LR024N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
AUIRLR/U024N
2
2015-10-29
Notes:
Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11)
VDD = 25V, starting TJ = 25°C, L = 790µH, RG = 25, IAS = 11A, VGS =10V. (See Fig.12)
ISD 11A, di/dt 290A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
300µs; duty cycle  2%.

This is applied for I-PAK, LS of D-PAK is measured between lead and center of die contact .

Uses IRFZ24N data and test conditions.
When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
––– 0.061 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.065
VGS = 10V, ID = 10A 
–––
––– 0.080
VGS = 5.0V, ID = 10A 
–––
––– 0.110
VGS = 4.0V, ID = 9.0A 
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Trans conductance
8.3
–––
–––
S
VDS = 25V, ID = 11A 
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
VDS = 55 V, VGS = 0V
–––
–––
250
VDS = 44V,VGS = 0V,TJ =150°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
–––
15
nC  
ID = 11A
Qgs
Gate-to-Source Charge
–––
–––
3.7
VDS = 44V
Qgd
Gate-to-Drain Charge
–––
–––
8.5
VGS = 5.0V, See Fig 6 and 13 
td(on)
Turn-On Delay Time
–––
7.1
–––
ns
VDD = 28V
tr
Rise Time
–––
74
–––
ID = 11A
td(off)
Turn-Off Delay Time
–––
20
–––
RG = 12VGS = 5.0V
tf
Fall Time
–––
29
–––
RD = 2.4See Fig 10 
LD
Internal Drain Inductance
–––
4.5
–––
nH  
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
480
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
130
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
61
–––
ƒ = 1.0MHz, See Fig. 5 
Diode Characteristics  
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
17
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
72
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 11A,VGS = 0V 
trr
Reverse Recovery Time
–––
60
90
ns TJ = 25°C ,IF = 11A
Qrr
Reverse Recovery Charge
–––
130
200
nC
di/dt = 100A/µs 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)




Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com