Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # LR024N
Description  AUTOMOTIVE GRADE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LR024N Datasheet(HTML) 1 Page - Infineon Technologies AG

  LR024N Datasheet HTML 1Page - Infineon Technologies AG LR024N Datasheet HTML 2Page - Infineon Technologies AG LR024N Datasheet HTML 3Page - Infineon Technologies AG LR024N Datasheet HTML 4Page - Infineon Technologies AG LR024N Datasheet HTML 5Page - Infineon Technologies AG LR024N Datasheet HTML 6Page - Infineon Technologies AG LR024N Datasheet HTML 7Page - Infineon Technologies AG LR024N Datasheet HTML 8Page - Infineon Technologies AG LR024N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
AUIRLR024N
AUIRLU024N
VDSS
55V
RDS(on)
max.
0.065

ID
17A
Features
 Advanced Planar Technology
 Low On-Resistance
 Logic-Level Gate Drive
 Dynamic dv/dt Rating
 175°C Operating Temperature
 Fast Switching
 Fully Avalanche Rated
 Repetitive Avalanche Allowed up to Tjmax
 Lead-Free, RoHS Compliant
 Automotive Qualified *
Description
Specifically designed for Automotive applications, this Cellular
design of HEXFET® Power MOSFETs utilizes the latest
processing techniques to achieve low on-resistance per silicon
area. This benefit combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs are
well known for, provides the designer with an extremely efficient
and reliable device for use in Automotive and a wide variety of
other applications.
1
2015-10-29
HEXFET® is a registered trademark of Infineon.
*Qualification standards can be found at www.infineon.com
 
AUTOMOTIVE GRADE
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
IDM
Pulsed Drain Current 
72
PD @TC = 25°C
Maximum Power Dissipation
45
W
Linear Derating Factor
0.3
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy (Thermally Limited) 
68
mJ
IAR
Avalanche Current 
11
A
EAR
Repetitive Avalanche Energy 
4.5
mJ
dv/dt
Peak Diode Recovery dv/dt 
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
 
TSTG
Storage Temperature Range
°C 
Soldering Temperature, for 10 seconds (1.6mm from case)
300
 
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless
otherwise specified.
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
–––
3.3
°C/W
RJA
Junction-to-Ambient ( PCB Mount) 
–––
50
RJA
Junction-to-Ambient
–––
110
D-Pak
AUIRLR024N
I-Pak
AUIRLU024N
Base part number
Package Type
Standard Pack
Form
Quantity
AUIRLU024N
I-Pak
Tube
75
AUIRLU024N
AUIRLR024N
D-Pak
Tube
75
AUIRLR024N
Tape and Reel Left
3000
AUIRLR024NTRL
Orderable Part Number
G
D
S
Gate
Drain
Source
G
S
D
D
S
G
D
HEXFET® Power MOSFET


Similar Part No. - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LR024N IRF-LR024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
LR024N IRF-LR024N Datasheet
304Kb / 10P
HEXFET Power MOSFET
LR024N IRF-LR024N Datasheet
328Kb / 13P
Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
VBsemi Electronics Co.,...
LR024N VBSEMI-LR024N Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
LR024N BYCHIP-LR024N Datasheet
785Kb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
Automotive Grade
AUIRFB8409 IRF-AUIRFB8409 Datasheet
404Kb / 14P
AUTOMOTIVE GRADE
AUIRLZ44Z IRF-AUIRLZ44Z Datasheet
221Kb / 12P
AUTOMOTIVE GRADE
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR6215TRL KERSEMI-IRFR6215TRL Datasheet
3Mb / 10P
AUTOMOTIVE GRADE
IRFR5410TRL KERSEMI-IRFR5410TRL Datasheet
4Mb / 10P
AUTOMOTIVE GRADE
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
AUTOMOTIVE GRADE
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com