Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524DM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524DM
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524DM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3524DM Datasheet HTML 1Page - National Semiconductor (TI) LM3524DM Datasheet HTML 2Page - National Semiconductor (TI) LM3524DM Datasheet HTML 3Page - National Semiconductor (TI) LM3524DM Datasheet HTML 4Page - National Semiconductor (TI) LM3524DM Datasheet HTML 5Page - National Semiconductor (TI) LM3524DM Datasheet HTML 6Page - National Semiconductor (TI) LM3524DM Datasheet HTML 7Page - National Semiconductor (TI) LM3524DM Datasheet HTML 8Page - National Semiconductor (TI) LM3524DM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics (Continued)
(Note 1)
LM2524D
LM3524D
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
(Note 3)
(Note 4)
(Note 3)
(Note 4)
TC-V
sense
Sense Voltage T.C.
0.2
0.2
mV/˚C
Common Mode
−0.7
−0.7
V
Min
Voltage Range
V
5 −V4 = 300 mV
1
1
V
Max
SHUT DOWN SECTION
V
SD
High Input
V
(Pin 2) −V(Pin 1)
≥
1
0.5
1
0.5
V
Min
Voltage
150 mV
1.5
1.5
V
Max
I
SD
High Input
I
(pin 10)
11
mA
Current
OUTPUT SECTION (EACH OUTPUT)
V
CES
Collector Emitter
I
C
≤ 100 µA
55
40
V
Min
Voltage Breakdown
I
CES
Collector Leakage
V
CE = 60V
Current
V
CE = 55V
0.1
50
µA
Max
V
CE = 40V
0.1
50
V
CESAT
Saturation
I
E = 20 mA
0.2
0.5
0.2
0.7
V
Max
Voltage
I
E = 200 mA
1.5
2.2
1.5
2.5
V
EO
Emitter Output
I
E =50mA
18
17
18
17
V
Min
Voltage
t
R
Rise Time
V
IN = 20V,
I
E = −250 µA
200
200
ns
R
C =2k
t
F
Fall Time
R
C = 2k
100
100
ns
SUPPLY CHARACTERISTICS SECTION
V
IN
Input Voltage
After Turn-on
8
8
V
Min
Range
40
40
V
Max
T
Thermal Shutdown
(Note 2)
160
160
˚C
Temp.
I
IN
Stand By Current
V
IN = 40V (Note 6)
5
10
5
10
mA
Note 1: Unless otherwise stated, these specifications apply for TA =TJ = 25˚C. Boldface numbers apply over the rated temperature range: LM2524D is −40˚ to 85˚C
and LM3524D is 0˚C to 70˚C. VIN = 20V and fOSC = 20 kHz.
Note 2: For operation at elevated temperatures, devices in the N package must be derated based on a thermal resistance of 86˚C/W, junction to ambient. Devices
in the M package must be derated at 125˚C/W, junction to ambient.
Note 3: Tested limits are guaranteed and 100% tested in production.
Note 4: Design limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage range. These limits are not used to
calculate outgoing quality level.
Note 5: Absolute maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 6: Pins 1, 4, 7, 8, 11, and 14 are grounded; Pin2=2V. All other inputs and outputs open.
Note 7: The value of a Ct capacitor can vary with frequency. Careful selection of this capacitor must be made for high frequency operation. Polystyrene was used
in this test. NPO ceramic or polypropylene can also be used.
Note 8: OSC amplitude is measured open circuit. Available current is limited to 1 mA so care must be exercised to limit capacitive loading of fast pulses.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com