Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3524DM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3524DM
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3524DM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3524DM Datasheet HTML 14Page - National Semiconductor (TI) LM3524DM Datasheet HTML 15Page - National Semiconductor (TI) LM3524DM Datasheet HTML 16Page - National Semiconductor (TI) LM3524DM Datasheet HTML 17Page - National Semiconductor (TI) LM3524DM Datasheet HTML 18Page - National Semiconductor (TI) LM3524DM Datasheet HTML 19Page - National Semiconductor (TI) LM3524DM Datasheet HTML 20Page - National Semiconductor (TI) LM3524DM Datasheet HTML 21Page - National Semiconductor (TI) LM3524DM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Typical Applications (Continued)
This equation shows that the input, or inductor, current is
larger than the output current by the factor (1 + t
ON/tOFF).
Since this factor is the same as the relation between V
o and
V
IN,IIN(DC) can also be expressed as:
So far it is assumed
η = 100%, where the actual efficiency or
η
MAX will be somewhat less due to the saturation voltage of
Q1 and forward on voltage of D1. The internal power loss
due to these voltages is the average I
L current flowing, or IIN,
through either V
SAT or VD1. For VSAT =VD1 = 1V this power
loss becomes I
IN(DC) (1V).
η
MAX is then:
This equation assumes only DC losses, however
η
MAX is
further decreased because of the switching time of Q1 and
D1.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com