Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2189 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FP2189
Description  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP2189 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FP2189 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Application Circuit: 870 – 960 MHz
Typical Specifications
Frequency
870
915
960
S21 - Gain
19.1
19.1
19.1
S11 - Input R.L.
-12
-17
-25
S22 - Output R.L.
-9
-10
-12
Output P1dB
+30.4
+30.3
+30.2
Output IP3
+44.4
+44.3
+44.3
Noise Figure
4.2
4.2
4.2
Vdd
+ 8 V
Idq
1
250 mA
1 I
dq is the quiescent current at small signal output levels. The current typically
increases up to 260 mA at the 1-dB compression point.
S-Parameters vs Frequency
-30
-20
-10
0
10
800
850
900
950
1000
Frequency (MHz)
12
14
16
18
20
S21
S11
S22
Vdd
+ 8 V @ 250 mA
RF OUT
RF IN
C1
100 pF
-Vgg
Z1
FP2189
Sot-89
PIN 1
PIN 3
PIN 2,4
Z2
Z3
Z4
Z5
Z6
Z7
C14
4.7 pF
L4
5.6 nH
L1
18 nH
R1
100 Ω
C3
100 pF
C4
1000 pF
R2
10 Ω
L2
5.6 nH
C5
3 pF
C9
100 pF
L3
82 nH
C7
100 pF
C8
1000 pF
C12
0.1 µF
Ref. Designator
Length on .014”
GETEK
TM (mil)
Electrical length @
900 MHz (deg)
Z1
30
1.45
Z2
30
1.45
Z3
135
6.5
Z4
50
2.4
Z5
50
2.4
Z6
42
2.0
Z7
65
3.1
The lengths are measured from the component edge-to-edge.
All microstrip lines have a line impedance of 50 Ω.
Ref. Designator
Value
Part style
Size
C1, C3, C7, C9
100 pF
5% 50V, NPO/COG
0603
C4, C8
1000 pF
5%, 50V, NPO/COG
0603
C5
3 pF
AVX 06031J3R0BAWTR
0603
C11
0.1 µF
10%, 50V, X7R
1206
C14
4.7 pF
AVX 06035J4R7APWTR
0603
R1
100 Ω
1/16 W, 5%
0603
R2
10 Ω
1/16 W, 5%
0603
L1
18 nH
TOKO LL1608-FH18NJ
0603
L2, L4
5.6 nH
TOKO LL1608-FH5N6S
0603
L3
82 nH
TOKO LL1608-FH82NJ
0603
All other parts are No Loads.
Total unique parts count: 10
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The layout of this circuit can be downloaded from the website.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com