Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2189 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP2189
Description  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP2189 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP2189 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Product Features
• 50 – 4000 MHz
• Up to +31 dBm P1dB
• Up to +45 dBm Output IP3
• High Drain Efficiency
• 19 dB Gain @ 900 MHz
• MTBF >100 Years
• SOT-89 SMT Package
Product Description
The FP2189 is a high performance 1-Watt HFET
(Heterostructure FET) in a low-cost SOT-89 surface-
mount package. This device works optimally at a drain
bias of +8 V and 250 mA to achieve +4
5 dBm output
IP3 performance and an output power of +31 dBm at
1-dB compression.
The device conforms to WJ Communications’ long
history of producing high reliability and quality
components. The FP2189 has an associated MTBF of
greater than 100 years at a mounting temperature of
85
°C. All devices are 100% RF & DC tested.
The product is targeted for use as driver amplifiers for
wireless infrastructure where high performance and high
efficiency are required.
Functional Diagram
1
3
2
4
Function
Pin No.
Input
1
Ground
2
Output/Bias
3
Ground
4
Specifications
DC Electrical Parameter
Units
Min
Typ
Max
Saturated Drain Current1, Idss
mA
500
Transconductance, Gm
mS
350
Pinch Off Voltage2, Vp
V
-2.0
Parameters3
Units
Min
Typ
Max
Frequency Range
MHz
50
4000
Small Signal Gain, Gss
dB
15
Output P1dB
dBm
+31
Output IP34
dBm
+45
Thermal Resistance
°C/W
30
1. Idss is measured with Vgs = 0 V, Vds = 3 V.
2. Pinch-off voltage is measured when Ids = 0.4 mA.
3. Test conditions unless otherwise noted: T = 25ºC, VDS = 8 V, IDQ = 250 mA, frequency = 900 MHz
in an application circuit with ZL = ZLOPT, ZS = ZSOPT .
4. 3OIP measured with two tones at an output power of +15 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Ratings
Parameters
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Maximum DC Power
4.0 W
RF Input Power (continuous)
+20 dBm
Operation of this device above any of there parameters may cause permanent damage
Typical Parameters5
Parameter
Units
Typical
Frequency
MHz
915
1960
2140
S21
dB
19.1
15.2
13.8
S11
dB
-17
-16
-23
S22
dB
-10
-8
-9
Output P1dB
dBm
+30.3
+30.8
+31.4
Output IP3
dBm
+44.3
+44.2
+45.5
Noise Figure
dB
4.2
3.5
4.5
Vdd
V
+8
+8
+8
Idq
6
mA
250
250
250
Idd at P1dB
mA
260
330
320
5.
Typical parameters represent performance in an application circuit.
6.
Idq is the quiescent drain current at small signal output levels. The
current may increase as the output power is increased near its
compression point.
Ordering Information
Part No.
Description
FP2189
1-Watt HFET
(Available in Tape & Reel)
FP2189-PCB900S
900 MHz Application Circuit
FP2189-PCB1900S
1900 MHz Application Circuit
FP2189-PCB2140S
2140 MHz Application Circuit


Similar Part No. - FP2189

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP2189 WJCI-FP2189 Datasheet
644Kb / 13P
1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
1-Watt HFET
FP2189-G WJCI-FP2189-G Datasheet
644Kb / 13P
1 - Watt HFET
FP2189-G WJCI-FP2189-G Datasheet
610Kb / 12P
1-Watt HFET
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
644Kb / 13P
1 - Watt HFET
More results

Similar Description - FP2189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
High Performance 쩍-Watt HFET(Heterostructure FET)
logo
WJ Communication. Inc.
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
1/2 - Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
1-Watt HFET
logo
RFHIC
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
drive or pre-drive amplifier designed in a low cost SOT-89 package
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com