Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL70 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2CL70
Description  High Voltage Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL70 Datasheet(HTML) 1 Page - American Microsemiconductor

  2CL70 Datasheet HTML 1Page - American Microsemiconductor 2CL70 Datasheet HTML 2Page - American Microsemiconductor 2CL70 Datasheet HTML 3Page - American Microsemiconductor 2CL70 Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2CL Series
High Voltage Diodes
American Microsemiconductor Inc.
133 Kings Road, Madison, NJ 07940
tel.
973-377-9566fax.973-377-3078
Page 1 of 4
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
http://www.americanmicrosemiconductor.com
Type 2CL70 2CL71 2CL72 2CL73 2CL74
A
8.0
10.0
2CL70-74 high voltage diodes adopt the design of high reliable
multiple mesa structure in a silicon tube, molded in small volume
and compact packaging
surface with epoxy resin.
■ Features:
•
Fast recovery
•
Low forward voltage drop, low leakage current
•
Avalanche breakdown protection
•
Discharge of CRT high voltage surge current
•
Axial lead diode, could weld on tube pin
•
Epoxy resin molded and can resist surface corrosion
■ Application:
•
Television and FBT display
•
Cathode ion generator, laser power supply
•
Neon lamp power supply, voltage multiplier assembly
•
DC high voltage generator assembly
■ MAX.RATED VALUE
Rated Value
Sign
Condition
2CL70
2CL71
2CL72
2CL73
2CL74
Unit
Peak
Reverse Repetitive
Voltage
VRRM
6
8
10
12
14
kV
Average Forward Rectifier
Current
IO
5.0
mA
Max.
Repetitive
Surge
current
IFSM
Ta=25℃,rated load,half cycle,
single phase,50Hz
0.5
A
Junction Temperature
Tj
half cycle sinewave peak voltage
120
℃
Ambient Humidity
Tc
100
℃
Store Humidity
Tstg
-40 to 120
℃


Similar Part No. - 2CL70

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL70 EDI-2CL70 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL70 GETEDZ-2CL70 Datasheet
69Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
logo
Anshan Suly Electronics
2CL70 ANSHAN-2CL70 Datasheet
348Kb / 2P
High voltage rectifier diodes 2CL70 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL70 SUNMATE-2CL70 Datasheet
205Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
America Semiconductor, ...
2CL70 AMERICASEMI-2CL70 Datasheet
1Mb / 3P
2CL70-74 high voltage diodes adopt the designing of high reliable multiple mesa structure and silicon tube, molded in small volume and compact packaging surface by epoxy resin.
More results

Similar Description - 2CL70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
High Voltage Diodes
logo
SUNMATE electronic Co.,...
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
High Voltage Diodes
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
High Voltage Diodes
2CL4510 SIPOWER-2CL4510 Datasheet
57Kb / 2P
High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
High Voltage Diodes
2CLS01 SIPOWER-2CLS01 Datasheet
56Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
High voltage diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com