Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL70 Datasheet(PDF) 3 Page - American Microsemiconductor

Part # 2CL70
Description  High Voltage Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL70 Datasheet(HTML) 3 Page - American Microsemiconductor

  2CL70 Datasheet HTML 1Page - American Microsemiconductor 2CL70 Datasheet HTML 2Page - American Microsemiconductor 2CL70 Datasheet HTML 3Page - American Microsemiconductor 2CL70 Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2CL Series
High Voltage Diodes
American Microsemiconductor Inc.
133 Kings Road, Madison, NJ 07940
tel.
973-377-9566fax.973-377-3078
Page 3 of 4
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
http://www.americanmicrosemiconductor.com
Junction Temperature
Tj
half cycle sinewave peak voltage
120
℃
Ambient Humidity
Tc
100
℃
Store Humidity
Tstg
-40 to 120
℃
■ Electrical Characteristics
Rated Value
Sign
Condition
2CL75
2CL77
Unit
Max. Forward Peak Voltage
V
IF=10mA
50.0
62.5
V
Max. Reverse Recovery
Time
trr
IF=2mA
IR=4mA
0.1
μ
S
Max.
Reverse
Leakage
Current
IR1
VR=VRRM ,25℃
2.0
μ
A
Max.
Reverse
Leakage
Current
IR2
VR=VRRM ,100℃
5.0
μ
A
Max. Junction Capacitor
Cj
2
p
F
■ Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com