Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM183SC Datasheet(PDF) 1 Page - American Microsemiconductor

Part # OM183SC
Description  Positive Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

OM183SC Datasheet(HTML) 1 Page - American Microsemiconductor

  OM183SC Datasheet HTML 1Page - American Microsemiconductor OM183SC Datasheet HTML 2Page - American Microsemiconductor OM183SC Datasheet HTML 3Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OM183SC to OM186SR
Positive Voltage Regulators
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 3
Revised 06/2013
ABSTRACT
This family of three terminal positive
adjustable voltage regulators are designed to
provide 7.5A, 5A, 3A, and 1.5A with higher
efficiency
than
conventional
voltage
regulators.
The devices are designed to
operate to 1 Volt input to output differential
and the dropout voltage is specified as a
function of load current. All devices are pin
compatible
with
older
three
terminal
regulators.
Supplied in the easy-to-use
hermetic metal TO-257 and TO-258 JEDEC
packages, also supplied in a new surface-
mount D2 package. These devices are ideally
suited for Military applications where small
size, hermeticity and high reliability are
required.
Operates down to 1V Dropout, 1.5V
@ Max. Current
.015% Line Regulation
.01% Load Regulation
1% Reference Voltage
Hermetic TO-257 and TO-258
Isolated Packages
Electrically Equivalent to LT1083,
84, 85, and 86
MAIN FEATURES
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Input Voltage
35
V
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature
-65 to +150
°C
Output Current
OM183SC
7.5
A
OM184SC
5
A
OM185ST/SR
3
A
OM186ST/SR
1.5
A
Note:
OM183SC and OM184SC products
are packaged in the TO-258
Package (7.5A & 5A).
OM185ST and OM186ST products
are packaged in the TO-257
Package (3A & 1.5A).
DIMENSIONS (TOP: TO-258, BOTTOM: TO-257)
IMAGE SERVES AS A REPRESENTATION ONLY


Similar Part No. - OM183SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
More results

Similar Description - OM183SC

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com