Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWSSDC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWSSDC
Description  WorkWise Standing Desk-Clamp Workstation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWSSDC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWSSDC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWSSDC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WorkWise Standing Desk-Clamp Workstation
MODEL NUMBER: WWSSDC
Description
Tripp Lite’s WWSSDC WorkWise™ Standing Desk-Clamp Workstation allows you to enjoy the benefits of
standing for a portion of the day without modifying your entire work surface. Simply clamp the WWSSDC to the
edge of a fixed-height desk or table from 1 to 3 inches thick. With a single touch, you can change the height of
your monitor and keyboard to improve ergonomics, promote health and increase productivity.
To adjust the height of the WWSSDC, press the lever to raise or lower the pneumatic spring arm. The monitor
platform and keyboard tray move together to provide smooth transitions between sitting and standing. Increase
tension for heavier loads or decrease it for lighter items. The workstation remains stable at all heights. Maximum
weight capacity is 29 pounds.
The WWSSDC base can be adjusted from front to back along the clamp plate in 2-inch increments to
compensate for different desk depths. Minimum desk depth is 18.9 inches. Maximum desk depth is 31.5 inches.
Monitor platform is 23.6 x 15.7 inches and adjusts between 8.5 and 22 inches above the work surface. It’s sturdy enough to support a dual-arm display mount.
Integrated cable management reduces cable clutter.
Keyboard tray is an oversized 23.6 x 11 inches to accommodate the largest, most popular models. The tray adjusts from desktop level up to 13.5 inches. In
certain installations, the tray can be 3 inches below the work surface. The wrist rest is removable. Plugs are included to fill exposed mounting holes.
Features
One-Touch Height Adjustment for Sit-Stand Ergonomics
Lever raises or lowers pneumatic arm for smooth height adjustment
Monitor platform and keyboard tray move together for seamless sit-stand transitions
Use included hex key to increase or decrease tension according to load
Maximum weight capacity is 29 lb.
Clamp Mount Requires Minimal Desk Space
Highlights
Lever for smooth one-touch
height adjustment
Max. height of monitor platform is
22 in. above work surface
Max. height of keyboard tray is
13.5 in. above work surface
Keyboard tray holds the largest,
most popular models
Maximum weight capacity is 29 lb.
Package Includes
Lift mechanism
Monitor platform
Keyboard tray with wrist rest
Keyboard panel
Keyboard bracket
Clamp plate
Clamp bracket
Support bracket
Pressure plate
(2) M8 x 70.5 screws
(10) M6 x 8 screws
(2) M6 x 10 screws
(10) M6 x 12 screws
(2) M6 x 15 screws
(2) Hole plugs
Large hex key
Small hex key
Owner’s manual
1 / 2


Similar Part No. - WWSSDC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWSSD3622 TRIPPLITE-WWSSD3622 Datasheet
170Kb / 3P
WorkWise Height-Adjustable Sit-Stand Desktop Workstation, 36 x 22 in. Monitor Platform
WWSSDT TRIPPLITE-WWSSDT Datasheet
554Kb / 2P
WorkWise Standing Desktop Workstation
More results

Similar Description - WWSSDC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDT TRIPPLITE-WWSSDT Datasheet
554Kb / 2P
WorkWise Standing Desktop Workstation
WWTOP48-BK TRIPPLITE-WWTOP48-BK Datasheet
485Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Black
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWTOP72-BK TRIPPLITE-WWTOP72-BK Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Black
WWSS1332C TRIPPLITE-WWSS1332C Datasheet
162Kb / 2P
WorkWise Desk-Mounted Workstation, Single Display
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com