Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WWSSDC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # WWSSDC
Description  WorkWise Standing Desk-Clamp Workstation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWSSDC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  WWSSDC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWSSDC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Clamp Mount Requires Minimal Desk Space
Clamps to a flat fixed-height work surface from 1 to 3 in. thick
Workstation base adjusts from front to back along the clamp plate in 2 in. increments
Minimum desk depth is 18.9 in.; maximum desk depth is 31.5 in.
Clamp depth is 3.35 in.
Provides stability at all workstation heights
Monitor Platform
23.6 x 15.7 in. for flat-panel display, laptop or display mount
Adjusts between 8.5 and 22 in. above the work surface
Integrated cable management reduces cable clutter
Keyboard Tray
Extra-large 23.6 x 11 in. tray holds the largest, most popular models
Adjusts up to 13.5 in. above the work surface
Wrist rest is removable
Mounting hole plugs included
Specifications
PHYSICAL
Unit Dimensions (hwd / in.)
22.7 x 15.7 x 23.6
Unit Weight (lbs.)
39
Unit Weight (kg)
17.69
Color
Black
Maximum Weight Capacity (lbs.)
29
Maximum Weight Capacity (kg)
13
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com