Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G07 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LX1G07
Description  SINGLE BUFFER/DRIVER (OPEN DRAIN)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07 Datasheet(HTML) 4 Page - STMicroelectronics

  74LX1G07 Datasheet HTML 1Page - STMicroelectronics 74LX1G07 Datasheet HTML 2Page - STMicroelectronics 74LX1G07 Datasheet HTML 3Page - STMicroelectronics 74LX1G07 Datasheet HTML 4Page - STMicroelectronics 74LX1G07 Datasheet HTML 5Page - STMicroelectronics 74LX1G07 Datasheet HTML 6Page - STMicroelectronics 74LX1G07 Datasheet HTML 7Page - STMicroelectronics 74LX1G07 Datasheet HTML 8Page - STMicroelectronics 74LX1G07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LX1G07
4/10
AC ELECTRICAL CHARACTERISTICS
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
R1
(
Ω)
ts = tr
(ns)
-40to 85°C
-55 to 125°C
Min.
Max.
Min.
Max.
tPLZ
Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
1.8
8.3
1.8
8.3
ns
2.3 to 2.7
30
500
2.0
1.2
5.5
1.2
5.5
2.7
50
500
2.5
1
5
1
5
3.0 to 3.6
50
500
2.5
0.8
4.2
0.8
4.2
4.5 to 5.5
50
500
2.5
0.5
3.5
0.5
3.5
tPZL
Propagation Delay
Time
1.65 to 1.95
30
1000
2.0
1.8
8.3
1.8
8.3
ns
2.3 to 2.7
30
500
2.0
1.2
5.5
1.2
5.5
2.7
50
500
2.5
1
5
1
5
3.0 to 3.6
50
500
2.5
0.8
4.2
0.8
4.2
4.5 to 5.5
50
500
2.5
0.5
3.5
0.5
3.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN =0 or VCC
2.5
pF
COUT
Output Capacitance
3.3
VIN =0 or VCC
4pF
CPD
Power Dissipation Capacitance
(note 1)
1.8
fIN =10MHz
16
pF
2.5
18
3.3
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com