Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LX1G07
Description  SINGLE BUFFER/DRIVER (OPEN DRAIN)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07 Datasheet(HTML) 1 Page - STMicroelectronics

  74LX1G07 Datasheet HTML 1Page - STMicroelectronics 74LX1G07 Datasheet HTML 2Page - STMicroelectronics 74LX1G07 Datasheet HTML 3Page - STMicroelectronics 74LX1G07 Datasheet HTML 4Page - STMicroelectronics 74LX1G07 Datasheet HTML 5Page - STMicroelectronics 74LX1G07 Datasheet HTML 6Page - STMicroelectronics 74LX1G07 Datasheet HTML 7Page - STMicroelectronics 74LX1G07 Datasheet HTML 8Page - STMicroelectronics 74LX1G07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD =4.2ns (MAX.) at VCC =
3.3V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
POWER DOWN PROTECTION ON INPUT
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 5.5V
(1.2V Data Retention)
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LX1G07 is a low voltage CMOS SINGLE
BUFFER
(OPEN
DRAIN)
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface5V to3V.
74LX1G07
SINGLE BUFFER/DRIVER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74LX1G07STR
SOT323-5L
74LX1G07CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74LX1G07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07 Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
74LX1G07BJR STMICROELECTRONICS-74LX1G07BJR Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
74LX1G07CTR STMICROELECTRONICS-74LX1G07CTR Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
74LX1G07STR STMICROELECTRONICS-74LX1G07STR Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
More results

Similar Description - 74LX1G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Hitachi Semiconductor
J205557_HD74ALVC1G07 HITACHI-J205557_HD74ALVC1G07 Datasheet
234Kb / 11P
Single Buffer / Driver with Open Drain
logo
STMicroelectronics
74LX1G07 STMICROELECTRONICS-74LX1G07_08 Datasheet
422Kb / 20P
Single buffer/driver with open drain
23-Apr-2008
logo
Renesas Technology Corp
RD74LVC1G07 RENESAS-RD74LVC1G07 Datasheet
1Mb / 7P
Single Buffer / Driver with Open Drain
HD74ALVC1G07 RENESAS-HD74ALVC1G07 Datasheet
73Kb / 7P
Single Buffer / Driver with Open Drain
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Renesas Technology Corp
HD74ALVC1G07 RENESAS-HD74ALVC1G07_15 Datasheet
105Kb / 9P
Single Buffer / Driver with Open Drain
logo
Texas Instruments
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com