Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-R38381L-S Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTE-R38381L-S
Description  IR Emitter and Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38381L-S Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTE-R38381L-S Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 6Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 7Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2/7
Part No. : LTE-R38381L-S
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38381L-S
3. Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
1.8
W
Peak Forward Current
(300pps, 10μs pulse)
5
A
DC Forward Current
1
A
Reverse Voltage
5
V
Thermal Resistance Junction
10
K/W
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-55°C to + 100°C
Infrared Soldering Condition
260°C for 10 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Radiant Intensity
IE
160
-
-
mW/sr
IF = 1A
Total Radiant Flux
Фe
-
590
-
mW
IF = 1A
Peak Emission Wavelength
λPeak
-
940
-
nm
IF = 1A
Spectral Line Half-Width
Δλ
-
50
-
nm
IF = 1A
Forward Voltage
VF
-
1.8
2.3
V
IF = 1A
Reverse Current
IR
-
-
10
μA
VR = 5V
Rise/Fall Time
Tr/Tf
-
30
-
ns
10%~90%
Viewing Angle
1/2
-
90
-
deg
NOTE:
1
. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2
. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com