Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-R38381L-S Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTE-R38381L-S
Description  IR Emitter and Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38381L-S Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTE-R38381L-S Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 6Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 7Page - Lite-On Technology Corporation LTE-R38381L-S Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3/7
Part No. : LTE-R38381L-S
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38381L-S
5. Typical Electrical / Optical Characteristics Curves
(25°C Ambient Temperature Unless Otherwise Noted)
1000
800
600
400
200
0
0 .5
1 .0
1040
940
840
1 .2
1
0 .8
0 .6
0 .4
0 .2
W a v e le n g th (n m )
F IG .1 S P E C T R A L D IS T R IB U T IO N
0
A M B IE N T T E M P E R A T U R E
F IG .2 F O R W A R D C U R R E N T V S .
A m b ie n t T e m p e ra tu re T a ( C )
o
100
-4 0
0
-2 0
20
60
40
80
A m b ie n t T e m p e ra tu re T a ( C )
V S . A M B IE N T T E M P E R A T U R E
F IG .4 R E L A T IV E R A D IA N T IN T E N S IT Y
-2 0
0 .6
0 .2
0
0 .4
0 .8
1 .0
1 .2
60
40
20
0
o
80
0
1 .0
F O R W A R D V O L T A G E
F IG .3 F O R W A R D C U R R E N T V S .
F o rw a rd V o lta g e (V )
0 .5
0
2 .5
2 .0
1 .5
1 .0
2 .0
0
3 .0
4 .0
5 .0
2
V S . F O R W A R D C U R R E N T
F IG .5 R E L A T IV E R A D IA N T IN T E N S IT Y
F o w a rd C u rre n t (A )
1
0
4
3
5
F IG .6 R A D IA T IO N D IA G R A M
0 .6
0 .5 0 .3
0 .1
0 .2
0 .4
0
20
10
o
o
o
80
o
90
o
70
60
o
o
50
40
o
o
30
o
0 .9
0 .7
0 .8
1 .0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com