Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM810D Datasheet(PDF) 5 Page - MMD Components

Part # IM810D
Description  MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM810D Datasheet(HTML) 5 Page - MMD Components

  IM810D Datasheet HTML 1Page - MMD Components IM810D Datasheet HTML 2Page - MMD Components IM810D Datasheet HTML 3Page - MMD Components IM810D Datasheet HTML 4Page - MMD Components IM810D Datasheet HTML 5Page - MMD Components IM810D Datasheet HTML 6Page - MMD Components IM810D Datasheet HTML 7Page - MMD Components IM810D Datasheet HTML 8Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM810 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 5 of 8
Pin Functionally
Pin Description
Pin
Symbol
Functionality
Pin Assignments
1
OE
Tri-state
High or Open = specified frequency output
Low = Output is high impedance, only output is disabled.
14
3
2
Top View
GND
Vdd
OUT
OE
ST
ST
Standby
High or Open = specified frequency output.
Low = Output is low. Device goes to sleep mode. Supply current
reduces to standby current.
2
GND
Power
Electrical ground
3
Out
Output
Oscillator output
4
Vdd
Power
Power supply voltage
Notes:
1.
In OE or
ST mode, a pull-up resistor of 10.0 kΩ or less is recommended if Pin 1 is not externally
driven
2.
A capacitor of value 0.1 µF or higher between Pin 4 (Vdd) and Pin 1 (GND) is required.
Timing Diagrams:
Figure 8: Startup Timing (OE/
Mode)
Figure 9: Standby Resume Timing (
Mode Only)
Figure 10: OE Enable Timing (OE Mode Only)
Figure 11: OE Disable Timing (OE Mode Only)
Notes:
IM810 supports gated output which is accurate within rated frequency stability from the first cycle



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com