Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM810D Datasheet(PDF) 1 Page - MMD Components

Part # IM810D
Description  MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM810D Datasheet(HTML) 1 Page - MMD Components

  IM810D Datasheet HTML 1Page - MMD Components IM810D Datasheet HTML 2Page - MMD Components IM810D Datasheet HTML 3Page - MMD Components IM810D Datasheet HTML 4Page - MMD Components IM810D Datasheet HTML 5Page - MMD Components IM810D Datasheet HTML 6Page - MMD Components IM810D Datasheet HTML 7Page - MMD Components IM810D Datasheet HTML 8Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM810 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 1 of 8
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
Ultra-low phase jitter: 0.5 pSec (12 kHz to 20 MHz)
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.5 x 2.0, 3.2 x 2.5, and 5.0 x 3.2 mm x mm
Pb-free, RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Electrical Specifications:
Frequency Range
1.000 MHz to 80.000MHz
Frequency Stability
See Part Number Guide
Inclusive of Initial Tolerance, Operating Temperature Range, Load, and Voltage.
First Year Aging
±1.5 ppm
At + 25ºC ±2ºC
10 Years Aging
±5.0 ppm
At + 25ºC ±2ºC
Operating Temperature
See Part Number Guide
Supply Voltage (Vdd) ±10%
See Part Number Guide
Current Consumption
31 mA typ./ 33 mA max
29 mA typ./ 31mA max
No load condition, F = 20 MHz, Vdd = +2.5 V, +2.8 V or +3.3 V
No load condition, f = 20 MHz, Vdd = +1.8V
OE Disable Current
31 mA max
30 mA max
Vdd = +2.5 V, +2.8 V or 3.3 V, OE = GND
Vdd = +1.8 V, OE = GND
Standby Current
70 µA max
10 µA max
Vdd = +2.5 V, +2.8 V or 3.3 V,
ST = GND
Vdd = +1.8 V,
ST = GND
Waveform Output
LVCMOS/HCMOS
Symmetry
45%/55%
50% of waveform
Rise / Fall Time
1.2 nSec typ./ 2.0 nSec max
15 pF Load, 10% to 90% of Vdd
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input Voltage High
70% of Vdd min
Pin 1, OE or
ST
Input Voltage Low
30% of Vdd max
Pin 1, OE or
ST
Input Pull-up Impedance
100 kΩ typ./ 250 kΩ max
2.0 MΩ min
Pin 1, OE logic high or logic low, or
ST logic high
Pin 1,
ST logic low
Startup Time
7 mSec typ./ 10 mSec max
Measured from the time Vdd reaches its rated minimum values
OE Enable/Disable Time
150 nSec max
F = 80 MHz, For other frequencies, T_oe = 100 nSec = 3 cycles
Resume Time
6 mSec typ./ 10 mSec max
In standby mode, measured from the time
ST pin crosses 50% threshold.
RMS Period Time
1.5 pSec typ./ 2.0 pSec max
2.0 pSec typ./ 3.0 pSec max
F = 75 MHz, all Vdds
RMS Period Time (random)
0.5 pSec typ./ 1.0 pSec max
F = 10 MHz, Integration bandwidth = 12 kHz to 20 MHz
Notes:
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
Typical values are at +25ºC and nominal supply voltage.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max


Similar Part No. - IM810D

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM810D ILSI-IM810D Datasheet
521Kb / 8P
MEMS Technology
More results

Similar Description - IM810D

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM39GT EUROQUARTZ-EM39GT Datasheet
130Kb / 1P
HCMOS, 14 pin DIL compatible, MHz Range
logo
MMD Components
IM801B MMD-IM801B Datasheet
623Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM830B MMD-IM830B Datasheet
734Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM831B MMD-IM831B Datasheet
644Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM840B MMD-IM840B Datasheet
414Kb / 7P
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Raltron Electronics Cor...
CMC203 RALTRON-CMC203 Datasheet
735Kb / 6P
Ultra Performance MEMS Oscillator
logo
SiTime Corp.
SIT3808 SITIME-SIT3808 Datasheet
629Kb / 16P
1 MHz to 80 MHz High Performance MEMS VCXO
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
80 MHz to 220 MHz MEMS VCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com