Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM831C Datasheet(PDF) 6 Page - MMD Components

Part # IM831C
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM831C Datasheet(HTML) 6 Page - MMD Components

  IM831C Datasheet HTML 1Page - MMD Components IM831C Datasheet HTML 2Page - MMD Components IM831C Datasheet HTML 3Page - MMD Components IM831C Datasheet HTML 4Page - MMD Components IM831C Datasheet HTML 5Page - MMD Components IM831C Datasheet HTML 6Page - MMD Components IM831C Datasheet HTML 7Page - MMD Components IM831C Datasheet HTML 8Page - MMD Components IM831C Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 6 of 9
Timing Diagrams
Figure 9: Startup Timing (OE/
Mode)
Figure 10: Standby Resume Timing (
Mode Only)
Figure 11: OE Enable Timing (OE Mode Only)
Figure 12: OE Disable Timing (OE Mode Only)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com