Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM831C Datasheet(PDF) 7 Page - MMD Components

Part # IM831C
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM831C Datasheet(HTML) 7 Page - MMD Components

  IM831C Datasheet HTML 1Page - MMD Components IM831C Datasheet HTML 2Page - MMD Components IM831C Datasheet HTML 3Page - MMD Components IM831C Datasheet HTML 4Page - MMD Components IM831C Datasheet HTML 5Page - MMD Components IM831C Datasheet HTML 6Page - MMD Components IM831C Datasheet HTML 7Page - MMD Components IM831C Datasheet HTML 8Page - MMD Components IM831C Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 7 of 9
Selectable Drive Strength Option
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
T
0.93
N/A
N/A
E
0.78
N/A
N/A
U
0.70
1.48
N/A
- = Default
0.65
1.30
N/A
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.45
N/A
N/A
B
1.09
N/A
N/A
T
0.62
1.28
N/A
E
0.54
1.00
N/A
- = Default
0.43
0.96
N/A
F
0.34
0.88
N/A
Table 1 Vdd = 1.8 V Rise/Fall time for Specific CLOAD
Table 2 Vdd = 2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.29
N/A
N/A
B
0.97
N/A
N/A
T
0.55
1.12
N/A
U
0.44
1.00
N/A
- = Default
0.34
0.88
N/A
F
0.29
0.81
1.48
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.22
N/A
N/A
B
0.89
N/A
N/A
- = Default
0.51
1.00
N/A
E
0.38
0.92
N/A
U
0.30
0.83
N/A
F
0.27
0.76
1.39
Table 3 Vdd = 2.8 V Rise/Fall time for Specific CLOAD
Table 4 Vdd= 3.0 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
R
1.16
N/A
N/A
B
0.81
N/A
N/A
- = Default
0.46
1.00
N/A
E
0.33
0.87
N/A
U
0.28
0.79
1.46
F
0.25
0.72
1.31
Table 5 Vdd = 3.3 V Rise/Fall time for Specific CLOAD
Note:
“N/A” in Table 1 to Table 5 indicates that the resulting rise/fall time from respective combination of the drive strength and output load does not
provide rail-to-rail swing and is not available.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com