Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390ACP-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8390ACP-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ACP-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8390ACP-R2 Datasheet HTML 1Page - Analog Devices AD8390ACP-R2 Datasheet HTML 2Page - Analog Devices AD8390ACP-R2 Datasheet HTML 3Page - Analog Devices AD8390ACP-R2 Datasheet HTML 4Page - Analog Devices AD8390ACP-R2 Datasheet HTML 5Page - Analog Devices AD8390ACP-R2 Datasheet HTML 6Page - Analog Devices AD8390ACP-R2 Datasheet HTML 7Page - Analog Devices AD8390ACP-R2 Datasheet HTML 8Page - Analog Devices AD8390ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8390
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±13.2 V (26.4 V)
VOCM
VEE < VOCM < VCC
Package Power Dissipation
(TJ MAX – TA)/θJA
Maximum Junction Temperature (TJ MAX)
150°C
Operating Temperature Range (TA)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering 10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TYPICAL THERMAL PROPERTIES
Table 4.
Package
Typical Thermal Resistance (θJA)
16-lead LFCSP (CP-16)
JEDEC 2S2P – 0 airflow
Paddle soldered to board
Nine thermal vias in pad
30.4°C/W
16-lead QSOP/EP (RC-16)
JEDEC 1S2P – 0 airflow
Paddle soldered to board
Nine thermal vias in pad
44.3°C/W
RF = 10kΩ
RG = 1kΩ
49.9
Ω
49.9
Ω
RG = 1kΩ
VIN
RL,DM = 100Ω
RF = 10kΩ
AD8390
VOUT,DM
Figure 3. Basic Test Circuit
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com