Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8390ACP-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8390ACP-R2 Datasheet HTML 6Page - Analog Devices AD8390ACP-R2 Datasheet HTML 7Page - Analog Devices AD8390ACP-R2 Datasheet HTML 8Page - Analog Devices AD8390ACP-R2 Datasheet HTML 9Page - Analog Devices AD8390ACP-R2 Datasheet HTML 10Page - Analog Devices AD8390ACP-R2 Datasheet HTML 11Page - Analog Devices AD8390ACP-R2 Datasheet HTML 12Page - Analog Devices AD8390ACP-R2 Datasheet HTML 13Page - Analog Devices AD8390ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8390
Rev. C | Page 10 of 16
SETTING THE OUTPUT COMMON-MODE VOLTAGE
By design, the AD8390’s VOCM pin is internally biased at a
voltage equal to the midsupply point (average value of the
voltages on VCC and VEE), eliminating the need for external
resistors. The high impedance nature of the VOCM pin, however,
allows the designer to force it to a desired level with an external
low impedance source. It should be noted that the VOCM pin is
not intended for use as an ac signal input.
The three configurations for the VOCM pin are floating with a
single supply, floating with dual supplies, and forcing the pin
with an external source. If not externally forcing the VOCM pin,
the designer must decouple it to ground with a 0.1 µF capacitor
in close proximity to the AD8390.
With dual equal supplies (for example, ±12 V) such that the
midpoint of the supplies is nominally 0 V, the user may opt to
connect the VOCM pin directly to ground, thus eliminating the
need for an external decoupling capacitor.
POWER-DOWN FEATURES AND THE IADJ PIN
The AD8390 offers significant versatility in setting quiescent
bias levels for a particular application from full ON to full OFF.
This versatility gives the circuit designer the flexibility to maxi-
mize efficiency while maintaining optimal levels of performance.
Optimizing driver efficiency while delivering the required signal
level is accomplished with the AD8390 through the use of two
on-chip power management features: two PWDN pins used to
select one of four bias modes, and an IADJ pin used for additional
power management including fine bias adjustments.
PWDN Pins
Two digitally programmable logic pins, PWDN1 and PWDN0,
may be used to select four different bias levels (see Table 5).
These levels start with full power if the IADJ pin is not connected.
The top bias level can also start at approximately half of full bias,
if the IADJ pin is connected to VEE or to ground in a single-supply
configuration, RADJ = 0. The bias level can be controlled with
CMOS logic levels (high = 1) applied to the PWDN1 and PWDN0
pins alone or in combination with the IADJ control pin. The
digital ground pin (DGND) is the logic ground reference for the
PWDN1 and PWDN0 pins. PWDN = (0,0) is the power-down
mode of the amplifier.
The AD8390 exhibits a low output impedance for PWDN1,0 =
(1,1), (1,0), and (0,1). At PWDN1,0 = (0,0), however, the output
impedance is undefined. The lowest power mode (0,0) of the
AD8390 alone may not be suitable for systems that rely on a
high impedance OFF state, such as multiplexing.
IADJ Pin
The IADJ feature offers users significant flexibility in setting the
bias level of the AD8390 by allowing for fine tuning of the bias
setting. Use of the IADJ feature is not required for operation of
the AD8390.
When IADJ is not connected, the bias current in the various
power modes is set to approximately 10 mA, 6.7 mA, and
3.8 mA for power modes PWDN1,0 = (1,1), (1,0), and (0,1),
respectively, as seen in Table 5. Setting IADJ = VEE for dual-supply
operation (or grounding the IADJ pin for single-supply opera-
tion) cuts the bias setting approximately in half for each mode.
A resistor (RADJ) between IADJ and ground for single-supply
operation, or IADJ and VEE for dual-supply operation, allows fine
bias adjustment between the bias levels preset by the PWDN
pins. Figure 16 and Figure 19 depict the effect of different RADJ
values on setting the bias levels.
Table 5. PWDN Code Selection Guide
PWDN1
PWDN0
RADJ (Ω)
IQ (mA)
1
1
∞
10.0
1
0
∞
6.7
0
1
∞
3.8
0
0
∞
0.67
1
1
0
5.2
1
0
0
3.8
0
1
0
2.5
0
0
0
0.57
ADSL and ADSL2+ Applications
The AD8390 line driver amplifier is an efficient class AB amplifier
that is ideal for driving xDSL signals. The AD8390 may be used
for driving ADSL or ADSL2+ modulated signals in either direc-
tion: upstream from CPE to the CO or downstream from the
CO to CPE.
ADSL and ADSL2+ Applications Circuit
Increased CO port density has made driver power efficiency an
important requirement in ADSL and ADSL2+ systems. The lar-
gest impact on efficiency is due to the need for back termina-
tion of the driver. In the simplest case, this is accomplished with
a pair of resistors, each equal to half the reflected line impedance,
in series with the outputs of the differential driver. In this scen-
ario, half the transmitted power is consumed by the back term-
ination resistors. This results in the need for higher turns ratio
transformers, which attenuate the receive signal and tend to be
more lossy. They also increase current requirements of the dri-
ver, effectively reducing headroom because the output devices
can no longer swing as close to the rail.
To solve this problem, it is common practice to use a combination
of negative and positive feedback to synthesize the output impe-
dance, thus decreasing the required ohmic value of the back
termination. Overall efficiency is improved because less power
is wasted in the back termination and a lower turns ratio trans-
former can be used without the need for increased supply rails.
The application circuit in Figure 24 depicts such an approach,
where the positive feedback, negative feedback, and back termi-
nation are provided by R2, R3, and RM, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com