Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2594 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2594 Datasheet HTML 9Page - National Semiconductor (TI) LM2594 Datasheet HTML 10Page - National Semiconductor (TI) LM2594 Datasheet HTML 11Page - National Semiconductor (TI) LM2594 Datasheet HTML 12Page - National Semiconductor (TI) LM2594 Datasheet HTML 13Page - National Semiconductor (TI) LM2594 Datasheet HTML 14Page - National Semiconductor (TI) LM2594 Datasheet HTML 15Page - National Semiconductor (TI) LM2594 Datasheet HTML 16Page - National Semiconductor (TI) LM2594 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM2594/LM2594HV Series Buck Regulator Design Procedure (Adjustable
Output) (Continued)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
4. Feedforward Capacitor (C
FF) (See Figure 1 )
For output voltages greater than approximately 10V, an addi-
tional capacitor is required. The compensation capacitor is
typically between 50 pF and 10 nF, and is wired in parallel
with the output voltage setting resistor, R
2. It provides addi-
tional stability for high output voltages, low input-output volt-
ages, and/or very low ESR output capacitors, such as solid
tantalum capacitors.
This capacitor type can be ceramic, plastic, silver mica, etc.
(Because of the unstable characteristics of ceramic capaci-
tors made with Z5U material, they are not recommended.)
4. Feedforward Capacitor (C
FF)
The table shown in
Figure 3 contains feed forward capacitor
values for various output voltages. In this example,a1nF
capacitor is needed.
5. Catch Diode Selection (D1)
A. The catch diode current rating must be at least 1.3 times
greater than the maximum load current. Also, if the power
supply design must withstand a continuous output short, the
diode should have a current rating equal to the maximum
current limit of the LM2594. The most stressful condition for
this diode is an overload or shorted output condition.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. This diode must be fast (short reverse recovery time) and
must be located close to the LM2594 using short leads and
short printed circuit traces. Because of their fast switching
speed and low forward voltage drop, Schottky diodes provide
the best performance and efficiency, and should be the first
choice, especially in low output voltage applications.
Ultra-fast recovery, or High-Efficiency rectifiers are also a
good choice, but some types with an abrupt turn-off charac-
teristic may cause instability or EMl problems. Ultra-fast re-
covery diodes typically have reverse recovery times of 50 ns
or less. Rectifiers such as the 1N4001 series are much too
slow and should not be used.
5. Catch Diode Selection (D1)
A. Refer to the table shown in
Figure 11. Schottky diodes
provide the best performance, and in this example a 1A, 40V,
1N5819 Schottky diode would be a good choice. The 1A di-
ode rating is more than adequate and will not be over-
stressed even for a shorted output.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com