Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2594 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2594 Datasheet HTML 17Page - National Semiconductor (TI) LM2594 Datasheet HTML 18Page - National Semiconductor (TI) LM2594 Datasheet HTML 19Page - National Semiconductor (TI) LM2594 Datasheet HTML 20Page - National Semiconductor (TI) LM2594 Datasheet HTML 21Page - National Semiconductor (TI) LM2594 Datasheet HTML 22Page - National Semiconductor (TI) LM2594 Datasheet HTML 23Page - National Semiconductor (TI) LM2594 Datasheet HTML 24Page - National Semiconductor (TI) LM2594 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Application Information (Continued)
reduction. The ESR of this capacitor may be as low as de-
sired, because it is out of the regulator feedback loop. The
photo shown in
Figure 17 shows a typical output ripple volt-
age, with and without a post ripple filter.
When observing output ripple with a scope, it is essential
that a short, low inductance scope probe ground connection
be used. Most scope probe manufacturers provide a special
probe terminator which is soldered onto the regulator board,
preferable at the output capacitor. This provides a very short
scope ground thus eliminating the problems associated with
the 3 inch ground lead normally provided with the probe, and
provides a much cleaner and more accurate picture of the
ripple voltage waveform.
The voltage spikes are caused by the fast switching action of
the output switch and the diode, and the parasitic inductance
of the output filter capacitor, and its associated wiring. To
minimize these voltage spikes, the output capacitor should
be designed for switching regulator applications, and the
lead lengths must be kept very short. Wiring inductance,
stray capacitance, as well as the scope probe used to evalu-
ate these transients, all contribute to the amplitude of these
spikes.
When a switching regulator is operating in the continuous
mode, the inductor current waveform ranges from a triangu-
lar to a sawtooth type of waveform (depending on the input
voltage). For a given input and output voltage, the
peak-to-peak amplitude of this inductor current waveform re-
mains constant. As the load current increases or decreases,
the entire sawtooth current waveform also rises and falls.
The average value (or the center) of this current waveform is
equal to the DC load current.
If the load current drops to a low enough level, the bottom of
the sawtooth current waveform will reach zero, and the
switcher will smoothly change from a continuous to a discon-
tinuous mode of operation. Most switcher designs (irregard-
less how large the inductor value is) will be forced to run dis-
continuous if the output is lightly loaded. This is a perfectly
acceptable mode of operation.
In a switching regulator design, knowing the value of the
peak-to-peak inductor ripple current (
∆I
IND) can be useful for
determining a number of other circuit parameters. Param-
eters such as, peak inductor or peak switch current, mini-
mum load current before the circuit becomes discontinuous,
output ripple voltage and output capacitor ESR can all be
calculated from the peak-to-peak
∆I
IND. When the inductor
nomographs shown in
Figure 4 through Figure 7 are used to
select an inductor value, the peak-to-peak inductor ripple
current can immediately be determined. The curve shown in
Figure 18 shows the range of (
∆I
IND) that can be expected
for different load currents. The curve also shows how the
peak-to-peak inductor ripple current (
∆I
IND) changes as you
go from the lower border to the upper border (for a given load
current) within an inductance region. The upper border rep-
resents a higher input voltage, while the lower border repre-
sents a lower input voltage (see Inductor Selection Guides).
These curves are only correct for continuous mode opera-
tion, and only if the inductor selection guides are used to se-
lect the inductor value
Consider the following example:
V
OUT = 5V, maximum load current of 300 mA
V
IN = 15V, nominal, varying between 11V and 20V.
The selection guide in
Figure 5 shows that the vertical line
for a 0.3A load current, and the horizontal line for the 15V in-
put voltage intersect approximately midway between the up-
per and lower borders of the 150 µH inductance region. A
150 µH inductor will allow a peak-to-peak inductor current
(
∆I
IND) to flow that will be a percentage of the maximum load
current. Referring to
Figure 18, follow the 0.3A line approxi-
mately midway into the inductance region, and read the
peak-to-peak inductor ripple current (
∆I
IND) on the left hand
axis (approximately 150 mA p-p).
As the input voltage increases to 20V, it approaches the up-
per border of the inductance region, and the inductor ripple
current increases. Referring to the curve in
Figure 18,itcan
be seen that for a load current of 0.3A, the peak-to-peak in-
ductor ripple current (
∆I
IND) is 150 mA with 15V in, and can
range from 175 mA at the upper border (20V in) to 120 mA at
the lower border (11V in).
Once the
∆I
IND value is known, the following formulas can be
used to calculate additional information about the switching
regulator circuit.
1.
Peak Inductor or peak switch current
2.
Minimum load current before the circuit becomes dis-
continuous
3.
Output Ripple Voltage
= (
∆I
IND)x(ESR of COUT)
= 0.150Ax0.240
Ω=36 mV p-p
or
4.
ESR of C
OUT
OPEN CORE INDUCTORS
Another possible source of increased output ripple voltage or
unstable operation is from an open core inductor. Ferrite
bobbin or stick inductors have magnetic lines of flux flowing
through the air from one end of the bobbin to the other end.
DS012439-33
FIGURE 18. Peak-to-Peak Inductor
Ripple Current vs Load Current
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com