Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8810 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8810
Description  12-Bit High Output Current Source
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8810 Datasheet(HTML) 1 Page - Analog Devices

  ADN8810 Datasheet HTML 1Page - Analog Devices ADN8810 Datasheet HTML 2Page - Analog Devices ADN8810 Datasheet HTML 3Page - Analog Devices ADN8810 Datasheet HTML 4Page - Analog Devices ADN8810 Datasheet HTML 5Page - Analog Devices ADN8810 Datasheet HTML 6Page - Analog Devices ADN8810 Datasheet HTML 7Page - Analog Devices ADN8810 Datasheet HTML 8Page - Analog Devices ADN8810 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12-Bit High Output Current Source
ADN8810
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High precision 12-bit current source
Low noise
Long term stability
Current output from 0 mA to 300 mA
Output fault indication
Low drift
Programmable maximum current
24-lead 4 mm × 4 mm leadframe chip scale package
3-wire serial interface
APPLICATIONS
Tunable laser current source
Programmable high output current source
Automatic test equipment
GENERAL DESCRIPTION
The ADN8810 is a 12-bit current source with an adjustable
full-scale output current of up to 300 mA. The full-scale out-
put current is set with two external sense resistors. The output
compliance voltage is 2.5 V, even at output currents up to
300 mA.
The device is particularly suited for tunable laser control and
can drive tunable laser front mirror, back mirror, phase, gain,
and amplification sections. A host CPU or microcontroller
controls the operation of the ADN8810 over a 3-wire SPI®
interface. The 3-bit address allows up to eight devices to be
independently controlled while attached to the same SPI bus.
The ADN8810 is guaranteed with ± 4 LSB INL and ± 0.75 LSB
DNL. Noise and digital feedthrough are kept low to ensure low
jitter operation for laser diode applications. Full-scale and
scaled output currents are given in Equations 1 and 2,
respectively.
SN
REF
FS
R
V
I
×
≈
10
(1)
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
×
×
=
1
.
0
15
1
4096
k
R
R
V
Code
I
SN
SN
REF
OUT
(2)
FUNCTIONAL BLOCK DIAGRAM
RESET
RESET
ENCOMP
FB
DVDD
AVDD
PVDD
5V
5V
3.3V
4.096V
VREF
CS
SERIAL
INTERFACE
SCLK
SDI
ADDRESS
ADDR0-2
IOUT
RSN
RSN
1.6V
RSN
1.6V
D1
ADN8810
FAULT
SB
AVSS DVSS DGND
SB
FAULT
INDICATION
3
Figure 1.


Similar Part No. - ADN8810

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8810 AD-ADN8810 Datasheet
432Kb / 14P
12-Bit High Output Current Source
Rev. C
ADN8810ACPZ AD-ADN8810ACPZ Datasheet
432Kb / 14P
12-Bit High Output Current Source
Rev. C
ADN8810ACPZ-REEL7 AD-ADN8810ACPZ-REEL7 Datasheet
432Kb / 14P
12-Bit High Output Current Source
Rev. C
ADN8810 AD-ADN8810_V01 Datasheet
432Kb / 14P
12-Bit High Output Current Source
Rev. C
More results

Similar Description - ADN8810

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
8CH HIGH CURRENT SOURCE DRIVER
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
Octal High-Voltage,Current-Source Output Driver
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
logo
Texas Instruments
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
High Performance 12-Bit, 6-Channel Output
REV. 0
logo
Hamamatsu Corporation
S11012-01 HAMAMATSU-S11012-01_15 Datasheet
321Kb / 7P
12-bit digital output
logo
Analog Devices
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
ADN8810 AD-ADN8810_V01 Datasheet
432Kb / 14P
12-Bit High Output Current Source
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com