Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390ARC Datasheet(PDF) 12 Page - Analog Devices

Part # AD8390ARC
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ARC Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8390ARC Datasheet HTML 8Page - Analog Devices AD8390ARC Datasheet HTML 9Page - Analog Devices AD8390ARC Datasheet HTML 10Page - Analog Devices AD8390ARC Datasheet HTML 11Page - Analog Devices AD8390ARC Datasheet HTML 12Page - Analog Devices AD8390ARC Datasheet HTML 13Page - Analog Devices AD8390ARC Datasheet HTML 14Page - Analog Devices AD8390ARC Datasheet HTML 15Page - Analog Devices AD8390ARC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8390
Rev. C | Page 12 of 16
To obtain optimum thermal performance from the AD8390 in
either package, it is essential that the thermal pad be soldered to
a ground plane with minimal thermal resistance. This is par-
ticularly true for dense circuit designs with multiple integrated
circuits. Furthermore, the PCB should be designed in such a
manner as to draw the heat away from the ICs. Figure 26
illustrates the relationship between thermal resistance (°C/W)
and the copper area (mm2) for the AD8390ACP soldered down
to a 4-layer board with a given copper area.
LAYOUT, GROUNDING, AND BYPASSING
The first layout requirement is for a good solid ground plane
that covers as much of the board area around the AD8390 as
possible. The only exception to this is that the two input pins
should be kept a few millimeters from the ground plane, and
ground should be removed from inner layers and the opposite
side of the board under the input traces. This minimizes the
stray capacitance on these nodes and helps preserve the gain
flatness versus frequency.
Figure 26 can be used to help determine the copper board area
required for proper thermal management of the AD8390. The
power dissipation of the AD8390 can be computed using
Equation 11. This number can then be inserted into the
following equation to yield the required θJA:
The power supply pins should be bypassed as close as possible
to the device on a ground plane common with signal ground.
Good high frequency, ceramic chip capacitors should be used.
This bypassing should be done with a capacitance value of
0.01 μF to 0.1 μF for each supply. Low frequency bypassing
should be provided with 10 μF tantalum capacitors from each
supply to signal ground. The signal routing should be short and
direct to avoid parasitic effects, particularly on traces connected
to the amplifier inputs. Wherever there are complementary
signals, a symmetrical layout should be provided to the extent
possible to maximize the balance performance. When running
differential signals over a long distance, the traces on the PCB
should be close together.
W
C
P
T
AD8390
RISE
JA
°
=
=
θ
(12)
where TRISE is the delta from the maximum expected ambient
temperature to the highest allowable die temperature. It is
generally recommended that the maximum die temperature be
limited to 125°C, and in no case should it be allowed to exceed
150°C.
POWER DISSIPATION AND THERMAL
MANAGEMENT
Using the θJA computed in Equation 12, Figure 26 can be used to
determine the minimum copper area required for proper thermal
dissipation of the AD8390.
The AD8390 was designed to be the most efficient class AB
ADSL/ADSL2+ line driver available. Figure 11 shows the total
power consumption (delivered line power and power consumed)
of the AD8390 driving ADSL signals at varying output powers
and power modes. To accurately determine the amount of
power dissipated by the AD8390, it is necessary to subtract the
power delivered to the load, matching losses, and transformer
losses as follows:
Cu AREA (mm2)
90
0
20
10
30
40
50
60
70
80
1
100
1000
10
10000
mW
losses
mW
load
supply,mW
AD8390
P
P
P
P
,
,
−
−
=
(11)
where:
Psupply,mW
is the total supply power in mW drawn by the AD8390.
Pload,mW
is the power delivered into a 100 Ω twisted-pair line in mW.
Plosses,mW
is the power dissipated by the matching resistors and
the transformer in mW.
Figure 26. Thermal Resistance vs. Copper Area
While this discussion focuses mainly on ADSL applications, the
same premise can be applied to determining the power dissipa-
tion of the AD8390 in any application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com