Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390ARC Datasheet(PDF) 1 Page - Analog Devices

Part # AD8390ARC
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390ARC Datasheet(HTML) 1 Page - Analog Devices

  AD8390ARC Datasheet HTML 1Page - Analog Devices AD8390ARC Datasheet HTML 2Page - Analog Devices AD8390ARC Datasheet HTML 3Page - Analog Devices AD8390ARC Datasheet HTML 4Page - Analog Devices AD8390ARC Datasheet HTML 5Page - Analog Devices AD8390ARC Datasheet HTML 6Page - Analog Devices AD8390ARC Datasheet HTML 7Page - Analog Devices AD8390ARC Datasheet HTML 8Page - Analog Devices AD8390ARC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, High Output Current
Differential Amplifier
AD8390
FEATURES
Voltage feedback amplifier
Ideal for ADSL and ADSL2+ central office (CO) and
customer premises equipment (CPE) applications
Enables high current differential applications
Low power operation
Single- or dual-power supply operation from 10 V (±5 V)
up to 24 V (±12 V)
4 mA total quiescent supply current for full power ADSL
and ADSL2+ CO applications
Adjustable supply current to minimize power
consumption
High output voltage and current drive
400 mA peak output drive current
44.2 V p-p differential output voltage
Low distortion
–82 dBc @ 1 MHz second harmonic
–91 dBc @ 1 MHz third harmonic
High speed: 300 V/µs differential slew rate
APPLICATIONS
ADSL/ADSL2+ CO and CPE line drivers
xDSL line driver
High current differential amplifiers
GENERAL DESCRIPTION
The AD8390 is a high output current, low power consumption
differential amplifier. It is particularly well suited for the central
office (CO) driver interface in digital subscriber line systems
such as ADSL and ADSL2+. While in full bias operation, the
driver is capable of providing 24.4 dBm output power into low
resistance loads. This is enough to power a 20.4 dBm line while
compensating for losses due to hybrid insertion, transformer
insertion, and back termination resistors.
The AD8390 fully differential amplifier is available in a ther-
mally enhanced lead frame chip scale package (LFCSP-16) and
a 16-lead QSOP/EP. Significant control and flexibility in bias
current have been designed into the AD8390. The four power
modes are controlled by two digital bits, PWDN (1,0) which
provide three levels of driver bias and one powered-down state.
In addition, the IADJ pin can be used for fine quiescent current
trimming to tailor the performance of
the AD8390.
PIN CONFIGURATIONS
+IN
DGND
NC = NO CONNECT
NC
NC
NC
NC
NC
IADJ
VOCM
PWDN0
PWDN1
–IN
–OUT
VEE
VCC
+OUT
1
4
12
13
16
8
5
9
Figure 1. 4 mm × 4 mm 16-Lead LFCSP
VOCM
NC
+IN
PWDN1
PWDN0
–IN
NC
DGND
NC
NC = NO CONNECT
–OUT
NC
VEE
VCC
NC
+OUT
IADJ
16
1
9
8
Figure 2. 16-Lead QSOP/EP
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the AD8390
to be used as the central office line driver in ADSL, ADSL2+,
and proprietary xDSL systems, as well as in other high current
applications requiring a differential amplifier.
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD8390ARC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results

Similar Description - AD8390ARC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD815 AD-AD815_05 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
Low Power, High Output Current Differential Amplifier
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
High Output Current Differential Driver
REV. C
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Analog Devices
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
Low Power, High Output Current Differential Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com