Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL53 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SL53
Description  Reverse battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SL53 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SL53 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green products
Data Sheet N1774. Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SL53
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 5 A, Pulse, TJ = 25 °C
0.42
0.45
V
VF2
@ 5 A, Pulse, TJ = 125 °C
0.33
0.38
V
Reverse Current*
IR1
@VR = rated VR
TJ = 25 °C
-
0.7
mA
IR2
@VR = rated VR
TJ = 125 °C
45
65
mA
Voltage Rate of Change
dv/dt
-
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-65 to +125
°C
Storage Temperature
Tstg
-
-65 to +150
°C
Typical Thermal Resistance
Junction to Lead
RθJL
DC operation
20
°C/W
Typical Thermal Resistance,
Junction to Ambient
RθJA
-
60
°C/W
Approximate Weight
wt
-
0.65
g
Case Style
SMC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com