Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL53 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SL53
Description  Reverse battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SL53 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SL53 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SL53 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green products
Data Sheet N1774. Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SL53
SL53 SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
Small foot print, surface mountable
•
Very low forward Voltage Drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
Green Products in Compliance the ROHS Directive
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions (In mm)
SMC


Similar Part No. - SL53

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SL53 SMCDIODE-SL53 Datasheet
406Kb / 4P
SL53 SCHOTTKY RECTIFIER
Rev. A
logo
PACELEADER INDUSTRIAL
SL53-A PACELEADER-SL53-A Datasheet
863Kb / 5P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
List of Unclassifed Man...
SL531 ETC1-SL531 Datasheet
114Kb / 4P
250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
250MHz TRUE LOG IF AMPLIFIER
SL531C ETC1-SL531C Datasheet
67Kb / 2P
250MHz TRUE LOG IF AMPLIFIER
More results

Similar Description - SL53

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
Reverse battery protection
12CTQ035 SMC-12CTQ035 Datasheet
202Kb / 6P
Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
SK110 SMC-SK110 Datasheet
193Kb / 6P
Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
Reverse battery protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com