Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 5 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
5 of 7
18-May-2016
6 Bill of Materials
Table 1: Bill-of-Materials List for EVB iW1830-EVAL1
Item Qty.
Ref.
Description
Footprint
Mfg. Part Number
Manufacturer
1
1
U1
iW1830, Off-line digital PWM Controller with
4A/700V MOS co-packed, DIP 7
DIP-7
iW1830-00
Dialog Semiconductor
2
1
BR1
SDB157,1000V,1.5A,Bridge rectifier
SDB-1
SDB157-TP
Micro Commercial
Components Corp.
3
2
C1, C2
22uF,400V, Φ12.5X20,E-CAP
CE12.5x20
EKXG401ELL220MK20S Nippon Chemi-Con
4
1
C3
10nF,500V,X7R,SMD-1206
CS1206
CC1206KKX7RBBB103
YAGEO Corporation
5
3
C4,C5,C6
1000uF,10V,Φ8X20,E-CAP
CE8X20
UPA1A102MPD1TD
Nichicon
7
1
C7
100nF,50V,X7R,SMD-0805
CS0805
CC0805KRX7R9BB104
YAGEO Corporation
8
1
C8
220pF,100V,X7R,SMD-0805
CS0806
CC0805KRX7R0BB221
YAGEO Corporation
9
1
C9
10uF,50V,X5R,SMD-1206
CS1206
GRM32ER71H106KA12L Murata Electronics
10
1
C10
1nF,100V,X7R,SMD-0805
CS0805
CC0805KRX7R0BB102
YAGEO Corporation
11
1
C11
NA
12
2
CY1,CY2
680pF,250V , X1,Y1-cap
Radial, Disc
DE1B3KX681KN4AN01F Murata Electronics
13
1
D1
SBR30A60CT,30A,60V
TO-220AB
SBR30A60CT
Diodes Incorporated
14
2
D5,D7
FS1D-L, 1A200V,Fast Recovery Rectifier
(Trr=150ns)
DO-214AC
FS1D-LTP
Micro Commercial
Components Corp.
15
1
D6
FS1M-L, 1A1000V,Fast Recovery Rectifier
(Trr=500ns)
DO-214AC
FS1M-LTP
Micro Commercial
Components Corp.
16
1
Z1
CMZ5954B,160V,1.5W,ZENER Diode,SMA
SMA
CMZ5954B
Central Semiconductor
Corp.
17
1
F1
3.15A,250V, Fuse, Φ3.6X10mm
Axial-3.6x10 08743.15MXEP
Littelfuse Inc.
18
1
L1
470uH,126mA,Color Ring Inductor, 0410
Axial-04x10
77F471J-RC
Bourns Inc.
19
1
L2
10uH,Chip Inductor(Chip Coil)
LS0805
LQM21FN100M80L
Murata Electronics
20
1
L4
CM Inductor,WE-CMB NiZn Common Mode
Power Line Choke (Note 1)
LD4.5X10
744 841 330
Würth Elektronik
21
1
R1
1.8Ω±1%,SMD-1206
RS1206
RC1206FR-071R8L
YAGEO Corporation
22
1
R2
1K±5%,SMD-0805
RS0805
RC0805JR-071KL
YAGEO Corporation
23
1
R3
3.6KΩ±5%,SMD-0805
RS0805
RC0805JR-073K6L
YAGEO Corporation
24
1
R4
18Ω±5%,SMD-0805
RS0805
RC0805JR-0718RL
YAGEO Corporation
25
1
R5
NA
26
1
R6
10KΩ±5%,SMD-1206
RS1206
RC1206JR-0710KL
YAGEO Corporation
27
1
R7
100Ω±5%,SMD-1206
RS1206
RC1206JR-07100RL
YAGEO Corporation
28
1
R8
3KΩ±1%,SMD-0603
RS0603
RC0603FR-073KL
YAGEO Corporation
29
1
R9
2.2Ω±5%,SMD-0603
RS0603
RC0603JR-072R2L
YAGEO Corporation
30
1
R10
18KΩ±1%,SMD-0603
RS0603
RC0603FR-0718KL
YAGEO Corporation
31
1
R11
1KΩ±5%,SMD-0603
RS0603
RC0603JR-071KL
YAGEO Corporation
32
2
R12,R19
2MΩ±5%,SMD-1206
RS1206
RC1206JR-072ML
YAGEO Corporation
33
1
R13
750Ω±5%,SMD-0805
RS0805
RC0805JR-07750RL
YAGEO Corporation
34
1
R14
56KΩ±1%,SMD-0603
RS0603
RC0603FR-0756KL
YAGEO Corporation
35
1
R15
27Ω±5%,SMD-1206
RS1206
RC1206JR-0727RL
YAGEO Corporation
36
1
R18
1.3Ω±1%,SMD-1206
RS1206
RC1206FR-071R3L
YAGEO Corporation
37
1
CON1
Serie 2169 - 7.50mm Horizontal Entry Modular
with Rising Cage Clamp - 3.5mm² Wires WR-
TBL
691 216 910 002
Würth Elektronik
38
1
CON2
WR-TBL Terminal block-serie 101, 5.00mm -
Modular-blue-Horizontal entry with pressure
clamp - 12.6mm
691 101 710 002
Würth Elektronik
39
1
T1
EE20/10/6 (EF20),14-Pin EXT, THT, Horizontal
for 5V3A
750 343 109
Würth Elektronik
40
4
Supporter
Self-Retaining Spacer WA-SNSR ,Nylon 66,
natural
702 917 000
Würth Elektronik
41
1
HeatSink
HeatSink for D1, Thermal resistance 36K/W
V5629W32
ASSMANN WSW
COMPONENTS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com