Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 4 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 7
18-May-2016
5 Schematic
The schematic shown in Figure 5.1 is the complete schematic for the evalution board. The specific part numbers can
be found in the Bill-of-Materials in section 6.
Figure 5.1 : Complete Evalution Board Schematic for the iW1830-EVAL1 Board.
5V3A
D6
FS1M-L
C3
10nF/500V
D7
FS1D-L
C7
100nF
R6
10K
R7
100R
R18
1.3R
R11
1K
R9
2.2R
R8
3K
R10
18K
R1
1.8R
R12
2M
R19
2M
R14
56K
R3
3.6K
+ C4
1000uF
AC
AC
+
-
1
2
3
4
BR1
SDB157
C9
10uF/50V
1
VCC
4 ISENSE
8 D
5 S
7
D
3 GND
2
VSENSE
U1
iW1830
+
C1
22uF
+ C2
22uF
L1
470uH
L2
10uH
+ C5
1000uF
F1
3.15A/250V
D1
SBR30A60CT
R15
27R
C10
1nF
1
3
4
6
8
12
T1
C8
220pF
R4
18R
R2
1K
R13
750R
E1
E2
CON2
D5
FS1D-L
Z1
160V
+ C6
1000uF
R5
NC
C11
NC
CON1
L4
CY1
680pF
CY2
680pF
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com