Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2-210S-R15 Datasheet(PDF) 3 Page - Copal Electronics

Part # RG2-210S-R15
Description  ROTARY SELECTOR SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RG2-210S-R15 Datasheet(HTML) 3 Page - Copal Electronics

  RG2-210S-R15 Datasheet HTML 1Page - Copal Electronics RG2-210S-R15 Datasheet HTML 2Page - Copal Electronics RG2-210S-R15 Datasheet HTML 3Page - Copal Electronics RG2-210S-R15 Datasheet HTML 4Page - Copal Electronics RG2-210S-R15 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RS / RG
ROTARY SELECTOR SWITCHES
Terminal strength
10 N {1.02 kgf} minimum
Soldering heat
Flow : 260
± 3 °C as the temperature
in a pot of molten solder, immersion
from head of terminal to backside of
board, 5 ~ 6 s, two times maximum
Manual soldering:380
± 10 °C, 3 ~ 4 s
The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard
versions, but our production will be made upon receipt of your orders.
■ STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
1 pole 2 ~ 12 contacts (per block)
2 poles 2 ~ 6 contacts (per block)
−40 ~ 85 °C
Washable (only contact block, “O” ring sealed)
※Please refer to page 150, 151
Approx. 7 g (1 block)
Approx. 13.6 g (2 blocks)
Approx. 19.4 g (3 blocks)
■ MECHANICAL CHARACTERISTICS
Adjustment torque
60
± 30 mN·m {612 ± 306 gf·cm}
Stopper strength
500 mN·m {5.1 kgf·cm} minimum
Stepping angle
30°
Load life
500,000 steps or 50,000 cycles at 6 contacts with no load
200,000 steps or 20,000 cycles at 6 contacts with rated load
Solderability
245
± 3 °C, 2 ~ 3 s
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
Vibration
Shock
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Amplitude 3 mm or
Acceleration 196 m/s
2,
10-2000-10 Hz, 3 directions for 4 h each
980 m/s
2, 6 ms
6 directions for 3 times each
40 °C, Relative humidity 90 ~ 95 %, 240 h
85 °C, 16 h
−40 °C, 16 h
{ } : Reference only
Contact rating
Maximum current
Minimum current
Maximum voltage
Minimum voltage
Contact resistance
Contact timing
Insulation resistance
Dielectric strength
1 VA
1 A
1
μA
30 V
20 mV
100 m
Ω maximum
Shorting, Non-shorting
1000 M
Ω (DC500 V) minimum
AC500 V, 60 s
Electrostatic capacity
4 pF maximum, 10 kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com