Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2-210S-R15 Datasheet(PDF) 4 Page - Copal Electronics

Part # RG2-210S-R15
Description  ROTARY SELECTOR SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RG2-210S-R15 Datasheet(HTML) 4 Page - Copal Electronics

  RG2-210S-R15 Datasheet HTML 1Page - Copal Electronics RG2-210S-R15 Datasheet HTML 2Page - Copal Electronics RG2-210S-R15 Datasheet HTML 3Page - Copal Electronics RG2-210S-R15 Datasheet HTML 4Page - Copal Electronics RG2-210S-R15 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The DIP-TYPE ROTARY SELECTOR SWITCHES RS/RG series listed here are standard
versions, but our production will be made upon receipt of your orders.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O RS series
O RG series
(Note1)
A ground terminal is connected electrically to a shaft.
(A) Diameter of shaft
<Shaft slot direction>
There is a difference in the direction of the slot on the shaft
between shorting and non-shorting type. The location of
the shaft of each type when their shafts are fully turned to
CCW is shown in the chart below.
Round
type
Width
:0.8 mm
Depth
:1 mm
Slot
3.2
0
– 0.1
D-cut
type
0
– 0.3
4
3
φ
0.60.1
2.54
× 6
17.8
0.8 W
× 1 D
Ground terminal (Note 1)
0.30.1
0.4
5.3
7.62
150.5
17.8
17.8
17.8
1.2
Part No. & Production date code
1 block
2 blocks
3 blocks
2.54
× 6
17.8
0.8W
× 1D
0.60.1
0.30.1
5.1
7.62
150.5
17.8
17.8
17.8
1
Part No. & Production date code
1 block
2 blocks
3 blocks
Shorting type
Non-shorting type
RS / RG
ROTARY SELECTOR SWITCHES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com